Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8571PDT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8571PDT
Description  /- 5V Supply, ARINC 429 LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8571PDT Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8571PDT Datasheet HTML 1Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 2Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 3Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 4Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 5Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 6Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 7Page - Holt Integrated Circuits HI-8571PDT Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HI-8570, HI-8571
Legend:
NB
- Narrow Body
ESOIC - Thermally Enhanced Small Outline Package (SOIC w/built-in heat sink)
ORDERING INFORMATION
37.5 Ohms
0
27.5 Ohms
10 Ohms
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
8 PIN PLASTIC DIP
8 PIN PLASTIC ESOIC - NB
8 PIN CERDIP (Not Available Pb-Free)
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
-55°C TO +125°C
NO
YES
T
M
HI - 857x xx x x
PART
NUMBER
T
M
I
PART
NUMBER
PD
PS
CR
PART
NUMBER
8570
8571
OUTPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
LEAD
FINISH
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8571PDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8571PDT HOLTIC-HI-8571PDT Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8571PDTF HOLTIC-HI-8571PDTF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
More results

Similar Description - HI-8571PDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570_13 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com