Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC18O02 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC18O02
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18O02 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC18O02 Datasheet HTML 2Page - ATMEL Corporation PC18O02 Datasheet HTML 3Page - ATMEL Corporation PC18O02 Datasheet HTML 4Page - ATMEL Corporation PC18O02 Datasheet HTML 5Page - ATMEL Corporation PC18O02 Datasheet HTML 6Page - ATMEL Corporation PC18O02 Datasheet HTML 7Page - ATMEL Corporation PC18O02 Datasheet HTML 8Page - ATMEL Corporation PC18O02 Datasheet HTML 9Page - ATMEL Corporation PC18O02 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
1389CS–CASIC–06-Nov-06
ATC18 Summary
3.3
Cell Matrices
Note:
All 3-state I/Os, 3-state output only and input pads are also available with pull-up and pull-down device.
Table 3-3.
CMOS Pads
CMOS Cell Name
3-state I/O
Output Only
3-state Output Only
Drive Strength
Pad Sites Used
PC18B01
1x
1
PC18B02
2x
1
PC18B03
3x
1
PC18B04
4x
1
PC18B05
5x
1
PC18O01
1x
1
PC18O02
2x
1
PC18O03
3x
1
PC18O04
4x
1
PC18O05
5x
1
PC18T01
1x
1
PC18T02
2x
1
PC18T03
3x
1
PC18T04
4x
1
PC18T05
5x
1
Table 3-4.
TTL Pads
TTL Cell Name
3-state I/O
Output Only
3-state Output Only
Drive Strength
Pad Sites Used
PT18B01
2 mA
1
PT18B02
4 mA
1
PT18B03
8 mA
1
PT18O01
2 mA
1
PT18O02
4 mA
1
PT18O03
8 mA
1
PT18T01
2 mA
1
PT18T02
4 mA
1
PT18T03
8 mA
1
Table 3-5.
CMOS/TTL Input Only Pad
CMOS Cell Name
Input Levels
Schmitt Input
Level Shifter
Non-inverting
Inverting
Pad Sites Used
PC18D01
CMOS
1
PC18D11
CMOS
1
PC18D21
CMOS
••
1
PC18D31
CMOS
••
1


Similar Part No. - PC18O02

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC180-20H6 PREMO-PC180-20H6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC180-20V6 PREMO-PC180-20V6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
logo
PREMIER DEVICES, INC.
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
   DROP-IN CIRCULATOR
PC1843DE-21H PDI-PC1843DE-21H Datasheet
85Kb / 1P
   DROP-IN CIRCULATOR
PC1843DG-21 PDI-PC1843DG-21 Datasheet
61Kb / 1P
   DROP-IN CIRCULATOR
More results

Similar Description - PC18O02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com