Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8572PDI Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8572PDI
Description  /- 5V Supply, ARINC 429 LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8572PDI Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8572PDI Datasheet HTML 1Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 2Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 3Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 4Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 5Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 6Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 7Page - Holt Integrated Circuits HI-8572PDI Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTE: Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to
the device.
These are stress ratings only.
Operation at the limits is not recommended.
HI-8570, HI-8571
Voltages referenced to Ground
Supply voltages
V+....................................................+7V
V-......................................................-7V
DC current per input pin................. +10mA
Power dissipation at 25°C
plastic DIL............1.0W, derate 10mW/°C
ceramic DIL..........0.5W, derate 7mW/°C
Solder Temperature ........275°C for 10 sec
Storage Temperature........-65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Supply Voltages
V+....................................+4.8V to +5.3V
V-..................................... -5.3
Temperature Range
Industrial Screening.........-40°C to +85°C
Hi-Temp Screening........-55°C to +125°C
Military Screening..........-55°C to +125°C
V to -4.8V
DC ELECTRICAL CHARACTERISTICS
V+ = +5V, V- = -5V, T = Operating Temperature Range (unless otherwise stated)
A
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage (TX1IN, TX0IN, SLP1.5)
high
V
2.1
-
V+
volts
low
V
-
-
0.5
volts
Input current (TX1IN, TX0IN, SLP1.5)
source
I
V
= 0V
-
-
0.1
A
sink
I
= 5V
-
-
0.1
A
ARINC output voltage (Differential)
zero
V
no load
-11.00
-10.00
-9.00
volts
null
V
no load
-0.50
0
0.50
volts
V+
I
-
6.0
10.0
mA
V-
I
-10.0
-6.0
-
mA
ARINC output impedence
Z
HI-8570
-
37.5
-
ohms
HI-8571
-
27.5
-
ohms
IH
IL
IH
IN
IL
DIFF0
DIFFN
DD
EE
OUT
m
m
V
one
V
no load; TXAOUT - TXBOUT
9.00
10.00
11.00
volts
; TXAOUT - TXBOUT
; TXAOUT - TXBOUT
ARINC output voltage (Ref. to GND)
one or zero
V
no load & magnitude at pin
4.50
5.00
5.50
volts
null
V
no load
-0.25
0
0.25
volts
Operating supply current
IN
DIFF1
DOUT
NOUT
SLP1.5 = V+
TX1IN & TX0IN = 0V: no load
IN & TX1IN = 0V: no load
TX0
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8572PDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRI HOLTIC-HI-8570CRI Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRIF HOLTIC-HI-8570CRIF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRM HOLTIC-HI-8570CRM Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRMF HOLTIC-HI-8570CRMF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
More results

Similar Description - HI-8572PDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570_13 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com