Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ04P5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ04P5X
Description  TinyLogic UHS Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ04P5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ04P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ04P5X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions (Note 4)
Note 3: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 4: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 6V
DC Input Voltage (VIN)
0.5V to 6V
DC Output Voltage (VOUT)
0.5V to 6V
DC Input Diode Current (IIK)
@VIN  0.5V
50 mA
@ VIN ! 6V
20 mA
DC Output Diode Current (IOK)
@VOUT  0.5V
50 mA
@ VOUT ! 6V, VCC GND
20 mA
DC Output Current (IOUT)
r50 mA
DC VCC/GND Current (ICC/IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature under Bias (TJ)
150
qC
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Power Dissipation (PD) @ 85qC
SOT23–5
200 mW
SOT70–5
150 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 1.8V, 2.5V r 0.2V
0 ns/V to 20 ns/V
VCC 3.3V r 0.3V
0 ns/V to 10 ns/V
VCC 5.0V r 0.5V
0 ns/V to 5 ns/V
Thermal Resistance (
TJA)
SOT23–5300
qC/W
SC70–5425
qC/W
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
1.65 to 1.95 0.75 VCC
0.75 VCC
V
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input Voltage
1.65 to 1.95
0.25 VCC
0.25 VCC
V
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output Voltage
1.65
1.55
1.65
V
VIN VIL
IOH 100 PA
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
V
IOH 4 mA
2.3
1.9
2.15
1.9
IOH 8 mA
3.0
2.4
2.80
2.4
IOH 16 mA
3.0
2.3
2.68
2.3
IOH 24 mA
4.5
3.8
4.20
3.8
IOH 32 mA
VOL
LOW Level Output Voltage
1.65
0.0
0.1
0.1
VVIN VIH IOL 100 PA
1.8
0.0
0.1
0.1
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
1.65
0.08
0.24
0.24
V
IOL 4 mA
2.3
0.10
0.3
0.3
IOL 8 mA
3.0
0.15
0.4
0.4
IOL 16 mA
3.0
0.22
0.55
0.55
IOL 24 mA
4.5
0.22
0.55
0.55
IOL 32 mA
IIN
Input Leakage Current
0 to 5.5
r1
r10
PA0 d VIN d 5.5V
IOFF
Power Off Leakage Current
0.0
1
10
PAVIN or VOUT 5.5V
ICC
Quiescent Supply Current
1.65 to 5.5
2.0
20
PAVIN 5.5V, GND


Similar Part No. - NC7SZ04P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ04P5X FAIRCHILD-NC7SZ04P5X Datasheet
79Kb / 7P
   TinyLogic UHS Inverter
logo
ON Semiconductor
NC7SZ04P5X ONSEMI-NC7SZ04P5X Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
NC7SZ04P5X ONSEMI-NC7SZ04P5X Datasheet
443Kb / 12P
   TinyLogic UHS Inverter
March, 2022 ??Rev. 5
NC7SZ04P5X-L22057 ONSEMI-NC7SZ04P5X-L22057 Datasheet
443Kb / 12P
   TinyLogic UHS Inverter
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ04P5X FAIRCHILD-NC7SZ04P5X_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
More results

Similar Description - NC7SZ04P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ04 FAIRCHILD-NC7NZ04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Inverter
NC7NZ04 FAIRCHILD-NC7NZ04 Datasheet
188Kb / 7P
   TinyLogic UHS Inverter
NC7SZ04 FAIRCHILD-NC7SZ04 Datasheet
79Kb / 7P
   TinyLogic UHS Inverter
logo
ON Semiconductor
NC7NZ04 ONSEMI-NC7NZ04 Datasheet
571Kb / 10P
   TinyLogic UHS Inverter
August 2010 Rev. 1.0.2
NC7SZ04 ONSEMI-NC7SZ04_V01 Datasheet
443Kb / 12P
   TinyLogic UHS Inverter
March, 2022 ??Rev. 5
NC7SZ04 ONSEMI-NC7SZ04 Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com