Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC18B02 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # PC18B02
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B02 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button PC18B02 Datasheet HTML 4Page - ATMEL Corporation PC18B02 Datasheet HTML 5Page - ATMEL Corporation PC18B02 Datasheet HTML 6Page - ATMEL Corporation PC18B02 Datasheet HTML 7Page - ATMEL Corporation PC18B02 Datasheet HTML 8Page - ATMEL Corporation PC18B02 Datasheet HTML 9Page - ATMEL Corporation PC18B02 Datasheet HTML 10Page - ATMEL Corporation PC18B02 Datasheet HTML 11Page - ATMEL Corporation PC18B02 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
1389CS–CASIC–06-Nov-06
ATC18 Summary
7.
Compiled CMOS Memories
The Atmel CMOS Memory Compiler Library enables users to compile memories for the func-
tions Single-port Synchronous RAM, Dual-port Synchronous RAM, Via Programmable ROM and
Two-port Synchronous Register File according to their precise requirements. Memories com-
piled in this way can be instanced as often as required in designs, alongside cells from other
Atmel CBIC libraries.
7.1
Single-port Synchronous SRAM
Key features of the single-port synchronous SRAM are:
• High-density (HD) SRAM
• 350 MHz worst-case cycle time
• Zero Quiescent Current
• 3-state outputs
• Several aspect ratios for optimization
• Separate Data-in, Data-out pins support a write-through feature
• Asynchronous write-through for testing interface shadow logic
•BIST interface
• Optional Sub-word write decode
The single-port SRAM compiler is a high-density RAM compiler with quiescent current consump-
tion equal to zero when the SRAM is not in a read or write mode. The compiler is optimized for a
power supply voltage range of 1.62V to 1.98V and can operate at voltages as low as 1.2V. The
SRAM instances can be built with several aspect ratios for maximum area and performance opti-
mization. Separate output (Q) and input (D) pins allow a write-through cycle feature. An
asynchronous write through mode (AWT) allows testing of interface shadow logic. Built-in BIST
interface allows for easy connection to most memBIST solutions. The special test modes allow
externally bypassing read and write self-timed circuits and adjusting read and write margins. The
SRAM memory also includes a sub-word feature where selective write to each group of 8-bit
subwords can be done. A maskable write enable signal is provided for each 8-bit group.
Table 7-1 gives the range of permitted single-port synchronous RAM configurations.
Note:
1. CM = 4, 8, 16: Column Mux option
7.2
Dual-port Synchronous RAM
Key features of the dual-port synchronous RAM are:
• High-density (HD) SRAM
• 300 MHz worst-case cycle time
• Zero Quiescent Current
• 3-state outputs
Table 7-1.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
32
16K
1 x CM(1)
Word Size (Number of I/O bits)
2
128
1 bit
Total Bits in Core (Word Size x Address Locations)
128
512K


Similar Part No. - PC18B02

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC180-20H6 PREMO-PC180-20H6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC180-20V6 PREMO-PC180-20V6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
logo
PREMIER DEVICES, INC.
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
   DROP-IN CIRCULATOR
PC1843DE-21H PDI-PC1843DE-21H Datasheet
85Kb / 1P
   DROP-IN CIRCULATOR
PC1843DG-21 PDI-PC1843DG-21 Datasheet
61Kb / 1P
   DROP-IN CIRCULATOR
More results

Similar Description - PC18B02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com