Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ05 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SZ05
Description  TinyLogic UHS Inverter (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ05 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SZ05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
DS012174
www.fairchildsemi.com
June 1997
Revised August 2004
NC7SZ05
TinyLogic
 UHS Inverter (Open Drain Output)
General Description
The NC7SZ05 is a single Inverter with open drain output
stage
from
Fairchild’s
Ultra
High Speed Series of
TinyLogic
. The device is fabricated with advanced CMOS
technology to achieve ultra high speed with high output
drive while maintaining low static power dissipation over a
very broad VCC operating range. The device is specified to
operate over the 1.65V to 5.5V VCC range. The input and
output are high impedance when VCC is 0V. Inputs tolerate
voltages up to 6V independent of VCC operating voltage.
The open drain output stage tolerates voltages up to 6V
independent of VCC when in the high impedance state.
Features
s Space saving SOT23 or SC70 5-lead package
s Ultra small MicroPak
 leadless package
s Open drain output for OR tied applications
s Ultra High Speed; tPD 1.9 ns Typ into 50 pF at 5V VCC
s High Output IOL Drive; +24 mA at 3V VCC
s Broad VCC Operating Range; 1.65V to 5.5V
s Matches the performance of LCX when operated at
3.3V VCC
s Power down high impedance inputs/output
s Overvoltage Tolerant inputs facilitate 5V to 3V
translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
Y
= A
H
= HIGH Logic Level
L
= LOW Logic Level
*H
= HIGH Impedance output state (Open Drain)
Connection Diagrams
Pin Assignments for SOT23 and SC70
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 are trademarks of Fairchild Semiconductor Corporation.
Order
Package
Product Code
Package Description
Supplied As
Number
Number
Top Mark
NC7SZ05M5X
MA05B
7Z05
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7SZ05P5X
MAA05A
Z05
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SZ05L6X
MAC06A
C6
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Names
Description
A
Input
YOutput
NC
No Connect
Input
Output
AY
L*H
HL


Similar Part No. - NC7SZ05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05 Datasheet
106Kb / 8P
   TinyLogic UHS Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SZ05 ONSEMI-NC7SZ05 Datasheet
635Kb / 12P
   TinyLogic UHS Inverter, Open Drain Output
September 2009 Rev. 1.0.3
NC7SZ05FHX ONSEMI-NC7SZ05FHX Datasheet
635Kb / 12P
   TinyLogic UHS Inverter, Open Drain Output
September 2009 Rev. 1.0.3
NC7SZ05FHX ONSEMI-NC7SZ05FHX Datasheet
465Kb / 11P
   TinyLogic UHS Inverter, Open Drain Output
April, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ05FHX FAIRCHILD-NC7SZ05FHX_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
More results

Similar Description - NC7SZ05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ05 ONSEMI-NC7SZ05_V01 Datasheet
465Kb / 11P
   TinyLogic UHS Inverter, Open Drain Output
April, 2022 ??Rev. 5
NC7SZ05 ONSEMI-NC7SZ05 Datasheet
635Kb / 12P
   TinyLogic UHS Inverter, Open Drain Output
September 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05 Datasheet
106Kb / 8P
   TinyLogic UHS Inverter (Open Drain Output)
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com