Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81CNQ040A Datasheet(PDF) 3 Page - InterFET Corporation

Part # 81CNQ040A
Description  SCHOTTKY RECTIFIER New GenIII D-61 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

81CNQ040A Datasheet(HTML) 3 Page - InterFET Corporation

  81CNQ040A Datasheet HTML 1Page - InterFET Corporation 81CNQ040A Datasheet HTML 2Page - InterFET Corporation 81CNQ040A Datasheet HTML 3Page - InterFET Corporation 81CNQ040A Datasheet HTML 4Page - InterFET Corporation 81CNQ040A Datasheet HTML 5Page - InterFET Corporation 81CNQ040A Datasheet HTML 6Page - InterFET Corporation 81CNQ040A Datasheet HTML 7Page - InterFET Corporation 81CNQ040A Datasheet HTML 8Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
81CNQ...A Series
3
Bulletin 20040 rev. A 09/01
www.irf.com
Fig.2-Typical Values Of Reverse Current
Vs. Reverse Voltage (PerLeg)
Fig.3-Typical Junction Capacitance
Vs. Reverse Voltage (PerLeg)
Fig.4-Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig.1-Max. Forward Voltage Drop Characteristics
(PerLeg)
ForwardVoltageDrop-V
FM(V)
ReverseVoltage-V
R(V)
ReverseVoltage-V
R(V)
t
1,RectangularPulseDuration(Seconds)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
T = 175˚C
T = 125˚C
T = 25˚C
J
J
J
0.001
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
150˚C
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
100
1000
10000
0
10203040
50
T = 25˚C
J


Similar Part No. - 81CNQ040A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81CNQ040A VISHAY-81CNQ040A Datasheet
117Kb / 7P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 19-Aug-08
logo
Microsemi Corporation
81CNQ040A MICROSEMI-81CNQ040A Datasheet
121Kb / 2P
   Schottky MiniMod
logo
Vishay Siliconix
81CNQ040A VISHAY-81CNQ040A Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ040APBF VISHAY-81CNQ040APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
81CNQ040APBF VISHAY-81CNQ040APBF Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 81CNQ040A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
83CNQ080GA IRF-83CNQ080GA Datasheet
216Kb / 9P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com