Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIALOG Datasheet(PDF) 8 Page - Intel Corporation

Part # DIALOG
Description  Intel Dialogic Voice Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG Datasheet(HTML) 8 Page - Intel Corporation

  DIALOG Datasheet HTML 1Page - Intel Corporation DIALOG Datasheet HTML 2Page - Intel Corporation DIALOG Datasheet HTML 3Page - Intel Corporation DIALOG Datasheet HTML 4Page - Intel Corporation DIALOG Datasheet HTML 5Page - Intel Corporation DIALOG Datasheet HTML 6Page - Intel Corporation DIALOG Datasheet HTML 7Page - Intel Corporation DIALOG Datasheet HTML 8Page - Intel Corporation DIALOG Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Spring Ware Firmware Technical Specifications (cont.)
Analog Display Services Interface (ADSI)
FSK generation per Bellcore TR-NWT-000030
CAS tone generation and DTMF detection per Bellcore TR-NWT-001273
** All specifications are subject to change without notice.
Hardware System Requirements
Intel386™, Intel486™, or Pentium® processor IBM PC AT (ISA) bus or compatible computer
Operating system hardware requirements vary according to the number of channels being used
Recommended Cables
The DIALOG/4 does not come with the Y adapter (RJ-14 to RJ-11) and is sold separately. The item market name for this cable is
CBLRJ14TORJ11YA.
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet


Similar Part No. - DIALOG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
DIA01C7485A ETC2-DIA01C7485A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB235A ETC2-DIA01CB235A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB485A ETC2-DIA01CB485A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results

Similar Description - DIALOG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NUC7I3BNB INTEL-NUC7I3BNB Datasheet
2Mb / 77P
   Intel NUC Board
NUC7I5BNB INTEL-NUC7I5BNB Datasheet
3Mb / 83P
   Intel NUC Board
logo
Fairchild Semiconductor
MTC6 FAIRCHILD-MTC6 Datasheet
145Kb / 1P
   VMT with Intel Atom짰 Processor and Voice Kit
logo
Intel Corporation
NUC7I5DN INTEL-NUC7I5DN Datasheet
2Mb / 79P
   Intel NUC Board/Kit
NUC7I3DN INTEL-NUC7I3DN Datasheet
2Mb / 75P
   Intel NUC Board/Kit
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
   Intel® Desktop Board
July 2013 Rev. -006
NUC7I7DN INTEL-NUC7I7DN Datasheet
2Mb / 77P
   Intel NUC Board/Kit
D64569-007 INTEL-D64569-007 Datasheet
780Kb / 76P
   Intel Server Board S5000VCL
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
   Intel Atom N270 (1.6GHz) CPU on board
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
   Intel Atom??Z510/ Z530 3.5" Embedded Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com