Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY1015A-T3 Datasheet(PDF) 8 Page - Power-One

Part # ZY1015A-T3
Description  15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY1015A-T3 Datasheet(HTML) 8 Page - Power-One

Back Button ZY1015A-T3 Datasheet HTML 4Page - Power-One ZY1015A-T3 Datasheet HTML 5Page - Power-One ZY1015A-T3 Datasheet HTML 6Page - Power-One ZY1015A-T3 Datasheet HTML 7Page - Power-One ZY1015A-T3 Datasheet HTML 8Page - Power-One ZY1015A-T3 Datasheet HTML 9Page - Power-One ZY1015A-T3 Datasheet HTML 10Page - Power-One ZY1015A-T3 Datasheet HTML 11Page - Power-One ZY1015A-T3 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ZY1015 15A No-Bus POL Data Sheet
3V to 14V Input 0.5V to 5.5V Output
5.
Typical Performance Characteristics
5.1
Efficiency Curves
70
75
80
85
90
95
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Figure 2. Efficiency vs. Load. Vin=3.3V
70
75
80
85
90
95
100
01.534.567.5
9
10.5 12 13.5 15
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Figure 3. Efficiency vs. Load. Vin=5V
50
55
60
65
70
75
80
85
90
95
01.5
34.5
67.5
9
10.5
12
13.5
15
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Vout=5.0V
Figure 4. Efficiency vs. Load. Vin=12V
65
70
75
80
85
90
95
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Voltage, V
Vin=3.3V
Vin=5V
Vin=12V
Figure 5. Efficiency vs. Output Voltage, Iout=15A
REV. 1.2 MAR 14, 2007
www.power-one.com
Page 8 of 17


Similar Part No. - ZY1015A-T3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY10 DIOTEC-ZY10 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Micro Commercial Compon...
ZY10 MCC-ZY10 Datasheet
224Kb / 3P
   Silicon 2.0 Watt Zener Diodes
logo
Continental Device Indi...
ZY10 CDIL-ZY10 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY10 EIC-ZY10 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY10 VISHAY-ZY10 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
More results

Similar Description - ZY1015A-T3

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com