Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY1015A-T2 Datasheet(PDF) 6 Page - Power-One

Part # ZY1015A-T2
Description  15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY1015A-T2 Datasheet(HTML) 6 Page - Power-One

Back Button ZY1015A-T2 Datasheet HTML 2Page - Power-One ZY1015A-T2 Datasheet HTML 3Page - Power-One ZY1015A-T2 Datasheet HTML 4Page - Power-One ZY1015A-T2 Datasheet HTML 5Page - Power-One ZY1015A-T2 Datasheet HTML 6Page - Power-One ZY1015A-T2 Datasheet HTML 7Page - Power-One ZY1015A-T2 Datasheet HTML 8Page - Power-One ZY1015A-T2 Datasheet HTML 9Page - Power-One ZY1015A-T2 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ZY1015 15A No-Bus POL Data Sheet
3V to 14V Input 0.5V to 5.5V Output
Enable (EN and ENP pins)
EN Pin Polarity
ENP pin is pulled low
ENP pin is open
Negative (enables the output when EN pin is
pulled low)
Positive (enables the output when EN pin is
open or pulled high)
EN High Threshold
2.3
VDC
EN Low Threshold
1.0
VDC
Open Circuit Voltage
EN and ENP
3.3
VDC
Turn-On Delay
From EN pin changing state to VOUT
starting to ramp up
0
ms
Turn-Off Delay
From EN pin changing state to VOUT
reaching 0V
11
ms
Feedback Loop Compensation (CCA0…CCA2 pins)
Recommended VIN range
8
12
14
VDC
CCA=7 (default)
Recommended COUT/ESR range,
combination of ceramic+ tantalum
50/5 +
220/40
100/5 +
470/40
400/5 +
2000/20
µF/mΩ
µF/mΩ
Recommended VIN range
8
12
14
VDC
CCA=6
Recommended COUT range, tantalum
Recommended ESR range, tantalum
440
40
880
25
10,000
10
µF
mΩ
Recommended VIN range
8
12
14
VDC
CCA=5
Recommended COUT/ESR range, ceramic
100/5
220/5
400/5
µF/mΩ
Recommended VIN range
3
5
5.5
VDC
CCA=3 or CCA=4
Recommended COUT/ESR range,
combination of ceramic + tantalum
50/5 +
220/40
100/5 +
470/40
200/5 +
880/40
µF/mΩ
µF/mΩ
Recommended VIN range
3
5
5.5
VDC
CCA=2
Recommended COUT/ESR range, tantalum
100/25
440/20
1,000/10
µF/mΩ
Recommended VIN range
3
5
5.5
VDC
CCA=1
Recommended COUT/ESR range, ceramic
100/5
220/5
400/5
µF/mΩ
Recommended VIN range
6
11
VDC
CCA=0
Recommended COUT/ESR range,
combination of ceramic+ tantalum
50/5 +
220/40
100/5 +
470/40
200/5 +
880/40
µF/mΩ
µF/mΩ
Output Current Monitoring (CS pin)
Output Current Monitoring
Accuracy
20%*IOUT NOM < IOUT < IOUT NOM
VIN=12V
-20
+20
%IOUT
Conversion Ratio
Duty Cycle of the negative pulse
corresponding to 100% of nominal current
65
%
Temperature Monitoring (TEMP pin)
Temperature Monitoring
Accuracy
Junction temperature of POL controller
-5
+5
°C
Conversion Ratio
Junction temperature from -40°C to 140°C
10
mV/
°C
Monitoring Voltage Range
Corresponds to -40°C to 140°C junction
temperature range
0.2
2
VDC
Output Impedance
TEMP pin
6.4
kΩ
Remote Voltage Sense (-VS and +VS pins)
Type
Differential
Voltage Drop Compensation
Between +VS and VOUT
300
mV
Voltage Drop Compensation
Between -VS and PGND
100
mV
REV. 1.2 MAR 14, 2007
www.power-one.com
Page 6 of 17


Similar Part No. - ZY1015A-T2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY10 DIOTEC-ZY10 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Micro Commercial Compon...
ZY10 MCC-ZY10 Datasheet
224Kb / 3P
   Silicon 2.0 Watt Zener Diodes
logo
Continental Device Indi...
ZY10 CDIL-ZY10 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY10 EIC-ZY10 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY10 VISHAY-ZY10 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
More results

Similar Description - ZY1015A-T2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com