Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV74L8X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SV74L8X
Description  TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV74L8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SV74L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV74L8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tW
Pulse Width,
0.90
7.0
7.0
ns
CL 15 pF, RL 1 M:
Figures
1, 5
CK, PR, CLR
1.10
d VCC d 1.30
4.0
4.0
CL 15 pF, RL 2 K:
1.40
d VCC d 1.60
3.0
3.0
1.65
d VCC d 1.95
3.0
3.0
CL 30 pF
2.30
d VCC d 2.70
3.0
3.0
RL 500:
2.70
d VCC d 3.60
3.0
3.0
tREC
Recover Time
0.90
8.0
8.0
ns
CL 15 pF, RL 1 M:
Figures
1, 4
CLR, PR to CK
1.10
d VCC d 1.30
4.5
4.5
CL 15 pF, RL 2 K:
1.40
d VCC d 1.60
3.0
3.0
1.65
d VCC d 1.95
3.0
3.0
CL 30 pF
2.30
d VCC d 2.70
3.0
3.0
RL 500:
2.70
d VCC d 3.60
3.0
3.0
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Input Capacitance
2.0
pF
VCC 0V
COUT
Output Capacitance
4.5
pF
VCC 0V
CPD
Power Dissipation Capacitance
20.0
pF
VI VCC or 0V
f
10 MHz


Similar Part No. - NC7SV74L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV74L8X FAIRCHILD-NC7SV74L8X Datasheet
225Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop
More results

Similar Description - NC7SV74L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP74 ONSEMI-NC7SP74 Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74 FAIRCHILD-NC7SP74 Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SP74 FAIRCHILD-NC7SP74_05 Datasheet
235Kb / 12P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74 FAIRCHILD-NC7SZ74 Datasheet
211Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Preset and Clear
NC7SV74 FAIRCHILD-NC7SV74 Datasheet
225Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com