Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP158 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SP158
Description  TinyLogic ULP 2-Input Inverting Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP158 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7SP158_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP158_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification
TAPE FORMAT for SC70
TAPE DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
P6X
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
DIM A
DIM B
DIM F
DIM Ko
DIM P1
DIM W
SC70-5
8 mm
0.093
0.096
0.138
± 0.004 0.053 ± 0.004
0.157
0.315
± 0.004
(2.35)
(2.45)
(3.5
± 0.10)
(1.35
± 0.10)
(4)
(8
± 0.1)


Similar Part No. - NC7SP158_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP158L6X FAIRCHILD-NC7SP158L6X Datasheet
185Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP158P6X FAIRCHILD-NC7SP158P6X Datasheet
185Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
More results

Similar Description - NC7SP158_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158 Datasheet
185Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158 Datasheet
185Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
NC7SP157 FAIRCHILD-NC7SP157_04 Datasheet
179Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158_04 Datasheet
175Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157 Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157 Datasheet
177Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157_V01 Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157_04 Datasheet
179Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SV157 ONSEMI-NC7SV157 Datasheet
284Kb / 11P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com