Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6103A230 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6103A230
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6103A230 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6103A230 Datasheet HTML 7Page - Torex Semiconductor XC6103A230 Datasheet HTML 8Page - Torex Semiconductor XC6103A230 Datasheet HTML 9Page - Torex Semiconductor XC6103A230 Datasheet HTML 10Page - Torex Semiconductor XC6103A230 Datasheet HTML 11Page - Torex Semiconductor XC6103A230 Datasheet HTML 12Page - Torex Semiconductor XC6103A230 Datasheet HTML 13Page - Torex Semiconductor XC6103A230 Datasheet HTML 14Page - Torex Semiconductor XC6103A230 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
3.13
6.25
9.38
25
50
75
60
100
140
120
200
280
240
400
560
Watchdog
Timeout Period
(VDF<1.8V)
TWD
Time until VIN increases form
1.0V to 2.0V and
the Reset output pin is released to go into
the detection state. (WD=VSS)
960
1600
2240
ms
6
3.13
6.25
9.38
25
50
75
60
100
140
120
200
280
240
400
560
Watchdog
Timeout Period
(VDF>1.9V)
TWD
Time until VIN increases form
1.0V to (VDFx1.1V)
and the Reset output pin is released to go
into the detection state. (WD=VSS)
960
1600
2240
ms
6
Watchdog
Minimum Pulse Width
TWDIN
VIN=6.0V,
Apply pulse from 6.0V to 0V
to the WD pin.
300
-
-
ns
7
Watchdog
High Level Voltage
VWDH
VIN=VDF x 1.1V ~ 6.0V
VIN x 0.7
-
6
V
7
Watchdog
Low Level Voltage
VWDL
VIN=VDF x 1.1V ~ 6.0V
0
-
VIN x 0.3
V
7
VIN=6.0V, VWD=6.0V (Avg. when peak )
-
12
19
Watchdog
Input Current
IWD
VIN=6.0V, VWD=0V (Avg. when peak)
- 19
-12
-
µA
8
Watchdog
Input Resistance
RWD
VIN=6.0V, VWD=0V, RWD=VIN/ |IWD|
315
500
880
k
8
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
MRB
High Level Voltage
VMRH
VIN=VDFx1.1V ~ 6.0V
1.4
-
VIN
9
MRB
Low Level Voltage
VMRL
VIN=VDFx1.1V ~ 6.0V
0
-
0.35
V
9
MRB
Pull-up Resistance
RMR
VIN=6.0V, MRB=0V, RMR=VIN/ |IMRB|
1.6
2.4
3.0
M
10
MRB Minimum
Pulse Width (*3)
XC6101~XC6105
XC6111~XC6115
TMRIN
VIN=6.0V,
Apply pulse from 6.0V to 0V to
the MRB pin
2.8
-
-
MRB Minimum
Pulse Width (*4)
XC6106, XC6107
XC6116, XC6117
TMRIN
VIN=6.0V,
Apply pulse from 6.0V to 0V to
the MRB pin
1.2
-
-
µs
11
XC6101 ~ XC6103, XC6106 ~ XC6107, XC6111 ~ XC6113, XC6116 ~ XC6117 Series
NOTE:
*1: VDF(T): Setting detect voltage
*2: If only “VDF” is indicated, it represents both VDFL (low when detected) and VDFH (high when detected).
*3: Watchdog function is available.
*4: Watchdog function is not available.
Ta = 25 OC
Ta = 25 OC
ELECTRICAL CHARACTERISTICS (Continued)
XC6101~XC6105, XC6111~XC6115 Series


Similar Part No. - XC6103A230

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6103A230

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com