Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP125 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SP125
Description  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP125 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SP125_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 9Page - Fairchild Semiconductor NC7SP125_04 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
0.3V
0.15
0.15
0.1
0.1
0.1


Similar Part No. - NC7SP125_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP125L6X FAIRCHILD-NC7SP125L6X Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125L6X ONSEMI-NC7SP125L6X Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
NC7SP125L6X ONSEMI-NC7SP125L6X Datasheet
308Kb / 10P
   TinyLogic ULP-A Buffer with Three-State Output
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SP125P5X FAIRCHILD-NC7SP125P5X Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125P5X ONSEMI-NC7SP125P5X Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
More results

Similar Description - NC7SP125_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126_04 Datasheet
296Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7WP125 FAIRCHILD-NC7WP125 Datasheet
207Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7WP125 ONSEMI-NC7WP125 Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126 Datasheet
303Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com