Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9853ETM+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9853ETM+
Description  Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9853ETM+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9853ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9853ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Stereo Audio CODECs with Microphone, DirectDrive
Headphones, Speaker Amplifiers, or Line Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = CPVDD = +3V, DVDD = DVDDS2 = +1.8V, PVDD = +3.3V, RHP = 32
Ω, ZSPK = 8Ω + 10µH, RREC = 32Ω, ROUTL+ to ROUTL- =
10k
Ω, ROUTR+ to ROUTR- = 10kΩ, C1 = 0.22µF, C2 = CNREG = CPREG = CINTMICBIAS, CMBIAS = CREF = 1µF, MCLK = 13MHz, all
PGAs = 0dB, HP/REC volume = -20.0dB, SPK volume = -20.4dB, line output gain = -0.4dB, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See Functional Diagrams/Typical Operating Circuits).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Stereo headphone
11.9
Stereo speaker
(MAX9851)/line output
(MAX9853)
11.2
Full-duplex voice
mode, no output
loads
Mono receiver
11.1
14.5
Stereo headphone
11.9
Stereo speaker
(MAX9851)/line output
(MAX9853)
11.2
Full-duplex voice
mode plus DAC
playback mode,
no output loads
(Notes 1, 2)
Mono receiver
11.1
ADC record mode (Note 3)
12.2
Analog Supply Current
AIDD
ADC record mode plus DAC headphone
playback mode (Notes 1, 3)
18.2
24.0
mA
Mono Class D speaker mode
5
Stereo Class D speaker mode
10
14
mA
Speaker Supply Current (Note 4)
PIDD
Sleep mode (MAX9851, MAX9853)
2
15
µA
Playback operation (Note 1), no output
loads
2.7
3.7
Full duplex voice operation (Note 2), no
output loads, TA = +25°C
6.2
7.8
Digital Supply Current
DIDD
Record operation (Notes 1, 3)
3.9
5.2
mA
Analog Shutdown Current
AISHDN
IAVDD + ICPVDD, TA = +25°C
1.4
20
µA
Digital Shutdown Current
DISHDN
IDVDD + IDVDDS2 , TA = +25°C
0.5
10
µA
MAX9851
1
20
PVDD Shutdown Current
(Note 4)
PISHDN
IPVDD, TA = +25°C
MAX9853
0.1
5
µA
Shutdown to Full Operation
tON
ADC and DAC fully operational, master
mode
70
ms
DAC PERFORMANCE (Note 5) (DAC in Master Mode)
Gain Error
±1
±7
%
Channel Gain Matching
±1
%
fS = 8kHz (voice modes), headphone
volume = +5.5dB
75.5
Dynamic Range (Note 6)
DR
fS = 8kHz and 48kHz (stereo audio modes),
headphone volume = +5.5dB
84
87.5
dB


Similar Part No. - MAX9853ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9853ETM++ MAXIM-MAX9853ETM+ Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results

Similar Description - MAX9853ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com