Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2538ETI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2538ETI
Description  Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2538ETI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2538ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2538 EV kit, fIF = 183.6MHz, high-side LO for all modes except GPS, 50
Ω system impedance, RBIAS = 20kΩ, RIF0 = RIF1 =
3.3k
Ω, RGIF = 8.2kΩ, fCELL = 881MHz, fPCS = 1960MHz, fGPS = 1575.42MHz, VCC = 2.75V, LO input power = -7dBm, HGHL mode,
TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
18
20
22
24
26
28
30
CELL
PCS
GPS
32
16
-40
85
2.75V, 3.0V, 3.3V
SUPPLY CURRENT vs. BIAS RESISTANCE
BIAS RESISTANCE (k
Ω)
40
30
20
10
10
20
30
40
50
0
050
CELL
PCS
GPS
MIXER NOISE FIGURE vs. LO POWER
LO POWER (dBm)
-2
-4
-6
-8
6
8
10
12
14
4
-10
0
CELL
PCS LOW-SIDE LO
PCS
GPS
Note 1: Guaranteed at TA = +25°C and TA = +85°C by production test, and guaranteed by design and characterization at TA = -40°C.
Note 2: Minimum and maximum specs are guaranteed by design and characterization, unless otherwise noted.
Note 3: Operating over this frequency range requires the ports to be rematched for the desired operating frequency.
Note 4: Two-tone separation is 900kHz cellular, 1.25MHz for PCS, and 1MHz for GPS.
AC ELECTRICAL CHARACTERISTICS (continued)
(EV kits to evaluate the MAX2351/MAX2354/MAX2358/MAX2359/MAX2530/MAX2531/MAX2357/MAX2538, fCELL = 869MHz to
894MHz, fPCS = 1930MHz to 1990MHz, fGPS = 1575.42MHz (MAX2530/MAX2531/MAX2537/MAX2538), fIF = 183.6MHz, high-side
LO for all except GPS, 50
Ω system impedance, VCC = 2.7V to 3.3V, RBIAS = 20kΩ, RIF0 = RIF1 = 3.3kΩ, RGIF = 8.2kΩ, LO input
power = -10dBm, TA = -40°C to +85°C. Typical values are at fCELL = 881MHz, fPCS = 1960MHz, VCC = 2.75V, LO input power = -
7dBm, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX2354/MAX2358/MAX2530/
MAX2537/MAX2538,
PIN = -20dBm (Note 1)
6
7.8
HGHL/
MG
MAX2351/MAX2531, PIN = -20dBm
4
6.5
HGLL/
LG
PIN = -20dBm
3.5
6.5
CELL
ULG
PIN = -20dBm
-4.5
-2.2
MAX2358/MAX2359/
MAX2530/MAX2538
35
HGHL
PIN = -20dBm
(Note 1)
MAX2351/MAX2531
2.5
4.5
LG
PIN = -20dBm
-4.5
-1.8
PCS
ULG
PIN = -20dBm
-7
-3.6
Mixer IP3
(Note 4)
GPS
PIN = -20dBm
-3
0.5
dBm


Similar Part No. - MAX2538ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2538 MAXIM-MAX2538 Datasheet
107Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
More results

Similar Description - MAX2538ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com