Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2538ETI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2538ETI
Description  Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2538ETI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2538ETI Datasheet HTML 1Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2538ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.3V
Digital Input Voltage to GND ......................-0.3V to (VCC + 0.3V)
LNA Input (Low-Gain Mode) Level ...................................15dBm
LO Input Level ....................................................................5dBm
Digital Input Current............................................................10mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QFN-EP (derate 21mW/°C
above +70°C)...................................................................1.6W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.3V, RBIAS = 20k
Ω, TA = -40°C to +85°C. Typical values are at VCC = 2.75V and TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PCS MODE (see Table 1 for abbreviations)
MAX2358/MAX2359/MAX2530/MAX2538
7.4
9.0
ULG
MAX2351/MAX2531
8.1
10
MAX2358/MAX2359/MAX2530/MAX2538
8.6
11
LG
MAX2351/MAX2531
9.3
11.5
MAX2358/MAX2359/MAX2530/MAX2538
26.5
32
Operating Supply Current
HGHL
MAX2351/MAX2531
27.2
33
mA
CELLULAR MODE (see Table 1 for abbreviations)
MAX2351/MAX2354/MAX2530/MAX2531
6.5
8.5
ULG
MAX2358/MAX2537/MAX2538
7.7
9.5
MAX2351/MAX2354/MAX2530/MAX2531
13.9
17
LG
MAX2358/MAX2537/MAX2538
15.1
18.5
MAX2354/MAX2530
23.5
28
MAX2351/MAX2531
21.5
26
MG
MAX2358/MAX2537/MAX2538
24.7
29.5
MAX2351/MAX2354/MAX2530/MAX2531
20.6
26
HGLL
MAX2358/MAX2537/MAX2538
21.8
27.5
MAX2354/MAX2530
27.7
35
MAX2351/MAX2531
25.7
33.5
Operating Supply Current
HGHL
MAX2358/MAX2537/MAX2538
28.9
36
mA
GPS MODE (MAX2530/MAX2531/MAX2538)
MAX2530/MAX2537/MAX2538
18.9
23
Operating Supply Current
PLL =
low
MAX2531
19.6
24
mA
SHUTDOWN MODE
Shutdown Supply Current
SHDN = low, BUFFEN = PLL = low
20
µA
ALL MODES
Digital Input Logic High
1.8
V
Digital Input Logic Low
0.6
V


Similar Part No. - MAX2538ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2538 MAXIM-MAX2538 Datasheet
107Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
More results

Similar Description - MAX2538ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com