Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8805Z Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8805Z
Description  600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805Z Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8805Z Datasheet HTML 7Page - Maxim Integrated Products MAX8805Z Datasheet HTML 8Page - Maxim Integrated Products MAX8805Z Datasheet HTML 9Page - Maxim Integrated Products MAX8805Z Datasheet HTML 10Page - Maxim Integrated Products MAX8805Z Datasheet HTML 11Page - Maxim Integrated Products MAX8805Z Datasheet HTML 12Page - Maxim Integrated Products MAX8805Z Datasheet HTML 13Page - Maxim Integrated Products MAX8805Z Datasheet HTML 14Page - Maxim Integrated Products MAX8805Z Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
600mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
A1
REFBP
Reference Noise Bypass. Bypass REFBP to AGND with a 0.22µF ceramic capacitor to reduce noise on the
LDO outputs. REFBP is internally pulled down through a 1k
Ω resistor during shutdown.
A2
AGND
Low-Noise Analog Ground
A3
REFIN
DAC-Controlled Input. The output of the PA step-down converter is regulated to 2 x VREFIN. When VREFIN
reaches 0.465 x VIN2, bypass mode is enabled.
A4
PGND
Power Ground for PA Step-Down Converter
B1
LDO2
200mA LDO Regulator 2 Output. Bypass LDO2 with a 1µF ceramic capacitor as close as possible to LDO2
and AGND. LDO2 is internally pulled down through a 1k
Ω resistor when this regulator is disabled.
B2
PA_EN
PA Step-Down Converter Enable Input. Connect to IN_ or logic-high for normal operation. Connect to GND
or logic-low for shutdown mode.
B3
EN2
LDO2 Enable Input. Connect to IN2 or logic-high for normal operation. Connect to AGND or logic-low for
shutdown mode.
B4
LX
Inductor Connection. Connect an inductor from LX to the output of the PA step-down converter.
C1
IN2
Supply Voltage Input for LDO1, LDO2, and Internal Reference. Connect IN2 to a battery or supply voltage
from 2.7V to 5.5V. Bypass IN2 with a 2.2µF ceramic capacitor as close as possible to IN2 and AGND.
Connect IN2 to the same source as IN1A and IN1B.
C2
HP
High-Power Mode Set Input. Drive HP high to invoke forced bypass mode. Bypass mode connects the
input of the PA step-down converter directly to its output through the internal bypass MOSFET. Drive HP
low to disable the forced bypass mode.
C3, C4
IN1B,
IN1A
Supply Voltage Input for PA Step-Down Converter. Connect IN1_ to a battery or supply voltage from 2.7V to
5.5V. Bypass the connection of IN1_ with a 2.2µF ceramic capacitor as close as possible to IN1_, and
PGND. IN1A and IN1B are internally connected together. Connect IN1_ to the same source as IN2.
D1
LDO1
200mA LDO Regulator 1 Output. Bypass LDO1 with a 1µF ceramic capacitor as close as possible to LDO1
and AGND. LDO1 is internally pulled down through a 1k
Ω resistor when this regulator is disabled.
D2
EN1
LDO1 Enable Input. Connect to IN2 or logic-high for normal operation. Connect to AGND or logic-low for
shutdown mode.
D3, D4
PAB, PAA
PA Connection for Bypass Mode. Internally connected to IN1_ using the internal bypass MOSFET during
bypass mode. PA_ is connected to the internal feedback network. Bypass PA_ with a 2.2µF ceramic
capacitor as close as possible to PA_ and PGND.


Similar Part No. - MAX8805Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805Z MAXIM-MAX8805Z Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805Z MAXIM-MAX8805Z Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805ZEREXY+T*+T* MAXIM-MAX8805ZEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805ZEWEAA+T MAXIM-MAX8805ZEWEAA+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805ZEWEAE+T MAXIM-MAX8805ZEWEAE+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
More results

Similar Description - MAX8805Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com