Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2531ETI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2531ETI
Description  Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2531ETI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2531ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 12Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Detailed Description
Signal Paths and Operation Modes
The MAX2351/MAX2354/MAX2358/MAX2359/MAX2530/
MAX2531/MAX2537/MAX2538 have multiple RF signal
paths. The cellular signal path has five modes of opera-
tion using a 4-gain-mode LNA and a 3-gain-mode mixer.
Similarly, the PCS signal path has four modes of opera-
tion made up of a 2-gain-mode LNA and a 3-gain-mode
mixer. The cellular and PCS mixer’s IF output can be
routed to either the IF0 or IF1 port. The GPS signal path
consists of a single-mode GPS, LNA, and mixer, which
has a dedicated IF output port. Tables 1 and 2 summa-
rize the modes of operation.
Low-Noise Amplifiers
The MAX2351/MAX2358/MAX2530/MAX2531/MAX2538
incorporate three LNA signal paths for the cellular,
PCS, and GPS bands. Using Maxim’s latest advanced
BiCMOS SiGe process, these LNAs deliver 1dB noise
figure for cellular, PCS, and GPS bands. The cellular
band LNAs have four modes of operation: high gain/
high linearity (HGHL), high gain/low linearity (HGLL),
midgain (MG), and low gain (LG). The PCS band LNAs
have two modes of operation: high gain/high linearity
and low gain. The GPS LNA has only one mode.
The BAND input selects the frequency band. The G1,
G2, and MODE pins are logic inputs that control the
LNA modes (see Table 2). Use HGHL mode when high
Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX2351
MAX2358
MAX2354 MAX2359
MAX2530
MAX2531
MAX2538
MAX2537
NAME
FUNCTION
16
16
16
16
16
LO_OUT
PCS and Cellular LO Output. Output frequency is equal to
mixer LO frequency. Internally matched with DC-blocking
capacitor. If not used, connect pin to ground or leave open.
17
17
17
17
17
VCC
2.7V to 3.3V Supply Pin. Connect a 100pF bypass capacitor
as close as possible to the pin.
18, 19
18, 19
18, 19
18, 19
18, 19
IF0+, IF0-
Differential IF Output Port 0. Requires a pullup inductor and a
DC-blocking capacitor at each pin, which can be used as part
of the matching network. If not used, connect pins to VCC.
——
20, 21
20, 21
GIF+, GIF-
GPS IF Output. Requires a pullup inductor and a DC-blocking
capacitor at each pin, which can be used as part of the
matching network. If not used, connect pins to VCC.
22, 23
22, 23
22, 23
22, 23
22, 23
IF1+, IF1-
Differential IF Output Port 1. Requires a pullup inductor and a
DC-blocking capacitor at each pin, which can be used as part
of the matching network. If not used, connect pins to VCC.
24
24
24
24
CMIX_IN
Cellular Mixer Input. Internally matched to 50
Ω, including an
on-chip DC-blocking capacitor.
25
25
25
PMIX_IN
PCS Mixer Input. Internally matched to 50
Ω. Requires a DC-
blocking capacitor.
26
26
26
26
26
IF_SEL
IF Select Logic Input. Logic low selects IF0 port, and logic
high selects IF1 port.
27
27
27
BAND
BAND Logic Input. See Table 2 for details.
28
28
28
PLNA_OUT
PCS LNA Output. Requires a pullup inductor and a DC-
blocking capacitor, which can be used as part of the
matching network.
EP
EP
EP
EP
EP
Exposed
Exposed Pad. RF and DC ground.


Similar Part No. - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2531EGI MAXIM-MAX2531EGI Datasheet
107Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
More results

Similar Description - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com