Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5066AUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5066AUI
Description  Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5066AUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5066AUI Datasheet HTML 1Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 2Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 3Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 4Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 5Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 6Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 7Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 8Page - Maxim Integrated Products MAX5066AUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Configurable, Single-/Dual-Output, Synchronous
Buck Controller for High-Current Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VREG = VDD = VEN_ = +5V, TA = TJ = TMIN to TMAX, unless otherwise noted, circuit of Figure 6. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT-ERROR AMPLIFIER (CEA_)
Transconductance
gM
550
µS
Open-Loop Gain
AVOL(CEA)
No load
50
dB
VOLTAGE ERROR AMPLIFIER (EAOUT_)
Open-Loop Gain
AVOL(EA)
70
dB
Unity-Gain Bandwidth
fUGEA
3
MHz
EAN_ Input Bias Current
IBIAS(EA)
VEAN_ = 2.0V
100
nA
Error Amplifier Output Clamping
High Voltage
VCLMP_HI
(EA)
With respect to VCM
1.14
V
Error Amplifier Output Clamping
Low Voltage
VCLMP_LO
(EA)
With respect to VCM
-0.234
V
EN_ INPUTS
EN_ Input High Voltage
VENH
EN rising
1.204
1.222
1.240
EN_ Hysteresis
0.05
V
EN_ Input Leakage Current
IEN
-1
+1
µA
MODE INPUT
MODE Logic-High Threshold
VMODE_H
2.4
V
MODE Logic-Low Threshold
VMODE_L
0.8
V
MODE Input Pulldown
IPULLDWN
5µA
THERMAL SHUTDOWN
Thermal Shutdown
TSHDN
160
Thermal Shutdown Hysteresis
THYST
10
°C
Note 1: The device is 100% production tested at TA = +85°C (MAX5066EUI) and TA = TJ = +125°C (MAX5066AUI). Limits at -40°C
and +25°C are guaranteed by design.
Note 2: The internal reference voltage accuracy is measured at the negative input of the error amplifiers (EAN_). Output voltage
accuracy must include external resistor-divider tolerances.


Similar Part No. - MAX5066AUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
180Kb / 6P
   fully assembled and tested circuit board
Rev 1; 8/06
MAX5066EVKIT MAXIM-MAX5066EVKIT Datasheet
180Kb / 6P
   fully assembled and tested circuit board
Rev 1; 8/06
More results

Similar Description - MAX5066AUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com