Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZU04 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7NZU04
Description  TinyLogic UHS Unbuffered Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZU04 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7NZU04_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7NZU04_05 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD)(VCC)(fIN) + (ICCstatic).
Dynamic Switching Characteristics
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz; t
W = 500 ns
FIGURE 1. AC Test Circuit
Application Note: When operating the NC7NZU04’s unbuffered output
stage in its linear range, as in oscillator applications, care must be taken to
observe maximum power rating for the device and package. The high drive
nature of the design of the output stage will result in substantial simulta-
neous conduction currents when the stage is in the linear region. See the
ICCPEAK specification in the DC Electrical Characteristics table.
Input
= AC Waveform; t
r = tf = 1.8 ns;
PRR
= variable; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPLH,
Propagation Delay
1.8
± 0.05
1.0
8.5
1.0
9.0
ns
Figures
1, 3
tPHL
2.5
± 0.2
0.8
6.2
0.8
6.5
CL = 15 pF,
3.3
± 0.3
0.5
4.5
0.5
4.8
RL = 1 MΩ
5.0
± 0.5
0.5
3.9
0.5
4.1
tPLH,
Propagation Delay
3.3
± 0.3
1.0
6.0
1.0
6.5
ns
CL = 50 pF,
Figures
1, 3
tPHL
5.0
± 0.5
0.8
5.0
0.8
5.5
RL = 500Ω
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation
3.3
9
pF
(Note 3)
Figure 2
Capacitance
5.0
11
Symbol
Parameter
Conditions
VCC
TA = 25°C
Unit
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50pF, VIH = 5.0V, VIL = 0V
5.0
0.8
V
VOLV
Quiet Output Dynamic Valley VOL
CL = 50pF, VIH = 5.0V, VIL = 0V
5.0
−0.8
V


Similar Part No. - NC7NZU04_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZU04K8X FAIRCHILD-NC7NZU04K8X Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
NC7NZU04L8X FAIRCHILD-NC7NZU04L8X Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
More results

Similar Description - NC7NZU04_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
NC7WZU04 ONSEMI-NC7WZU04_V01 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
NC7WZU04 FAIRCHILD-NC7WZU04 Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZ04 FAIRCHILD-NC7NZ04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com