Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZ17 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7NZ17
Description  TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZ17 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7NZ17 Datasheet HTML 1Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 2Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 3Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 4Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 5Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 6Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 7Page - Fairchild Semiconductor NC7NZ17 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500493
www.fairchildsemi.com
July 2001
Revised November 2005
NC7NZ17
TinyLogic
 UHS Triple Buffer
with Schmitt Trigger Inputs
General Description
The NC7NZ17 is a triple buffer with Schmitt trigger inputs
from Fairchild’s Ultra High Speed Series of TinyLogic
 in
the US8 package. The device is fabricated with advanced
CMOS technology to achieve ultra high speed with high
output drive while maintaining low static power dissipation
over a very broad VCC operating range. The device is
specified to operate over the 1.65V to 5.5V VCC range. The
inputs and outputs are high impedance when VCC is 0V.
Inputs tolerate voltages up to 7V independent of VCC oper-
ating voltage. Schmitt trigger inputs typically achieve 1V
hysteresis between the positive going and negative going
input threshold voltage at 5V VCC.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s Ultra High Speed: tPD 3.6 ns Typ into 50 pF at 5V VCC
s High Output Drive:
±24 mA at 3V V
CC
s Broad VCC Operating Range; 1.65V to 5.5V
s Power down high impedance inputs/outputs
s Overvoltage tolerant inputs facilitate 5V to 3V translation
s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7NZ17K8X
MAB08A
NZ17
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7NZ17L8X
MAC08A
U4
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7NZ17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7NZ17 ONSEMI-NC7NZ17 Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
logo
Fairchild Semiconductor
NC7NZ17K8X FAIRCHILD-NC7NZ17K8X Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7NZ17K8X ONSEMI-NC7NZ17K8X Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
logo
Fairchild Semiconductor
NC7NZ17L8X FAIRCHILD-NC7NZ17L8X Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
More results

Similar Description - NC7NZ17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com