Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZ14 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7NZ14
Description  TinyLogic UHS Inverter with Schmitt Trigger Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZ14 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7NZ14 Datasheet HTML 1Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 2Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 3Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 4Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 5Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 6Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 7Page - Fairchild Semiconductor NC7NZ14 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tion should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7V
DC Input Voltage (VIN)
−0.5V to +7V
DC Output Voltage (VOUT)
−0.5V to +7V
DC Input Diode Current (IIK)
@VIN < −0.5V
−50 mA
@VIN > 6V
+20 mA
DC Output Diode Current (IOK)
@VOUT < −0.5V
−50 mA
@VOUT > 6V, VCC = GND
+20 mA
DC Output Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (T1);
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
250 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)250°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Unit
Conditions
(V)
Min
Typ
Max
Min
Max
VP
Positive Threshold
1.65
0.7
1.1
1.5
0.7
1.5
Voltage
2.3
1.0
1.4
1.8
1.0
1.8
3.0
1.3
1.75
2.2
1.3
2.2
V
4.5
1.9
2.45
3.1
1.9
3.1
5.5
2.2
2.9
3.6
2.2
3.6
VN
Negative Threshold
1.65
0.25
0.55
0.9
0.25
0.9
V
Voltage
2.3
0.40
0.75
1.15
0.40
1.15
3.0
0.6
1.0
1.5
0.6
1.5
4.5
1.0
1.43
2.0
1.0
2.0
5.5
1.2
1.70
2.3
1.2
2.3
VH
Hysteresis Voltage
1.65
0.15
0.54
1.0
0.15
1.0
V
2.3
0.25
0.65
1.1
0.25
1.1
3.0
0.4
0.77
1.2
0.4
1.2
4.5
0.6
1.01
1.5
0.6
1.5
5.5
0.7
1.18
1.7
0.7
1.7
VOH
HIGH Level
1.65
1.55
1.65
1.55
V
VIN = VIL
IOH = −100 µA
Output Voltage
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
IOH = −4 mA
2.3
1.9
2.15
1.9
IOH = −8 mA
3.0
2.4
2.80
2.4
IOH = −16 mA
3.0
2.3
2.68
2.3
IOH = −24 mA
4.5
3.8
4.20
3.8
IOH = −32 mA


Similar Part No. - NC7NZ14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ14 FAIRCHILD-NC7NZ14 Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NZ14 ONSEMI-NC7NZ14 Datasheet
619Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
April 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
NC7NZ14K8X FAIRCHILD-NC7NZ14K8X Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NZ14K8X ONSEMI-NC7NZ14K8X Datasheet
619Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
April 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
NC7NZ14L8X FAIRCHILD-NC7NZ14L8X Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
More results

Similar Description - NC7NZ14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14 FAIRCHILD-NC7SZ14 Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14FHX FAIRCHILD-NC7SZ14FHX Datasheet
598Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7NZ14 FAIRCHILD-NC7NZ14 Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NZ14 ONSEMI-NC7NZ14 Datasheet
619Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
April 2014 Rev. 1.0.2
NC7SZ14 ONSEMI-NC7SZ14_V01 Datasheet
444Kb / 11P
   TinyLogic UHS Inverter with Schmitt Trigger Input
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com