Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39421-B3675-U310 Datasheet(PDF) 3 Page - EPCOS

Part # B39421-B3675-U310
Description  SAW Components Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39421-B3675-U310 Datasheet(HTML) 3 Page - EPCOS

  B39421-B3675-U310 Datasheet HTML 1Page - EPCOS B39421-B3675-U310 Datasheet HTML 2Page - EPCOS B39421-B3675-U310 Datasheet HTML 3Page - EPCOS B39421-B3675-U310 Datasheet HTML 4Page - EPCOS B39421-B3675-U310 Datasheet HTML 5Page - EPCOS B39421-B3675-U310 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 26, 2000
SAW Components
B3675
415,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -10 ... +60 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
415,0
MHz
Maximum insertion attenuation
α
max
410,0 MHz ... 420,0 MHz
2,5
4,0
dB
Amplitude ripple (p-p)
∆α
410,0 MHz ... 420,0 MHz
0,45
1,0
dB
VSWR
410,0 MHz ... 420,0 MHz
1,4:1
2,0:1
Absolute attenuation
α
abs
0,3 MHz ... 330,0 MHz
40
60
dB
500,0 MHz ... 840,0 MHz
40
50
dB
840,0 MHz ... 1260,0 MHz
20
35
dB
Temperature coefficient of frequency
TCf
– 70
ppm/K


Similar Part No. - B39421-B3675-U310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39421-B3681-Z810 EPCOS-B39421-B3681-Z810 Datasheet
57Kb / 6P
   SAW Components Low-Loss Filter 422,5 MHz
B39421-B3691-U310 EPCOS-B39421-B3691-U310 Datasheet
63Kb / 7P
   Low-Loss Filter
More results

Similar Description - B39421-B3675-U310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3553 EPCOS-B3553 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter
B3559 EPCOS-B3559 Datasheet
66Kb / 7P
   SAW Components Low-loss Filter
logo
TDK Electronics
B39122B1614U810 TDK-B39122B1614U810 Datasheet
79Kb / 6P
   SAW Components Low-Loss Filter
B39162B4058U510 TDK-B39162B4058U510 Datasheet
67Kb / 5P
   SAW Components Low Loss Filter
B39162B7829C710 TDK-B39162B7829C710 Datasheet
57Kb / 5P
   SAW Components Low-Loss Filter
logo
List of Unclassifed Man...
B3550 ETC-B3550 Datasheet
68Kb / 7P
   SAW Components Low-loss Filter
logo
EPCOS
B3860 EPCOS-B3860 Datasheet
63Kb / 5P
   Low-Loss Filter SAW Components
B3555 EPCOS-B3555 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter
logo
TDK Electronics
B39122B1610U810 TDK-B39122B1610U810 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter
B39162B7840C710 TDK-B39162B7840C710 Datasheet
64Kb / 5P
   SAW Components Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com