Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0404CRF-WA1 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC0404CRF-WA1
Description  13.56 MHz CryptoRF EEPROM Memory 4 Kbits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404CRF-WA1 Datasheet(HTML) 8 Page - ATMEL Corporation

  AT88SC0404CRF-WA1 Datasheet HTML 1Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 2Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 3Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 4Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 5Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 6Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 7Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 8Page - ATMEL Corporation AT88SC0404CRF-WA1 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
AT88SC0404CRF
5023CS–CRRF–12/06
Ordering Information
Packaging Information
Ordering Code
Package
Tuning Capacitor
Temperature Range
AT88SC0404CRF-MR1
R Module
82 pF
Commercial (0
° C to 70° C)
AT88SC0404CRF-WA1
6 mil wafer, 150 mm diameter
82 pF
Industrial (
−40° C to 85° C)
Package Type
Description
R Module
2- lead RF Smart Card Module, XOA2 style, or RoHS compliant
Module Size: M5
Dimension: 5.06 x 8.00 [mm]
Glob Top: Square - 4.8 x 5.1 [mm]
Thi ckness : 0.38 [mm]
Pitch : 9.5 [mm]
Ordering Code: AT88SCxxxxCRF-MR1


Similar Part No. - AT88SC0404CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
1Mb / 108P
   CryptoRF Specification
More results

Similar Description - AT88SC0404CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
   CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com