Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DEB-2-W20R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2DEB-2-W20R
Description  Integrated ESD Protection Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DEB-2-W20R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2DEB-2-W20R Datasheet HTML 1Page - Bourns Electronic Solutions 2DEB-2-W20R Datasheet HTML 2Page - Bourns Electronic Solutions 2DEB-2-W20R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
Features
Lead free
RoHS compliant*
Supports 15 KV IEC 61000-4-2 ESD
equipment specification*
Single device protects as many as 20 lines
on exposed pins, communications ports
Incorporates 40 bi-directional PN
junction diodes
Small form factor replaces 20 SOT23
packages
General Information
The Model 2DEA Series is well-suited for space constrained
designs where the requirements of international ESD standard
specification IEC 61000-4-2 must be met.
These highly integrated PN junction diode arrays are espe-
cially effective for use in PC notebooks and motherboards,
engineering workstations and portable battery-powered
devices such as PDAs and cellular phones.
Space savings, as compared to popular BA V99 SOT23
based implementations, can yield a 75 % reduction in
utilized board area. In addition, significant assembly cost
reductions and manufacturing integrity improvements can
be realized.
Two package options are available. Model 2DEA consists of
20 bi-directional diode pairs in a miniature 24-pin JEDEC
QSOP package. The 2DEB consists of 17 bi-directional
diode pairs in a traditional wide-body SOIC JEDEC package.
* Note: IEC 61000-4-2 ESD test performance is measured at the systems level and system designs, enclosure shielding and other conventional ESD control measures usually influence
the results of these tests. Testing on the component level serves as an indicator that the system passes a specific compliance step, but does not ensure that the system passes at that
level. The Model 2DEA/DEB device, therefore, can support successful implementation of the IEC 61000-4-2 system level ESD standard.
Package Schematic
18
7
17
8
16
9
15
10
14
11
13
12
23
24
2
1
22
3
21
4
20
5
19
6
VSS
VDD
VSS
VDD
Electrical Characteristics
Symbol
Minimum
Nominal
Maximum
Unit
Supply Voltage
VDD - VSS
-0.3
12
V
Voltage @ any Channel
Vin
-0.3
VDD + 0.5
V
Channel Clamp Current (continuous)
IC
±15
mA
Forward Voltage:
@If = 1 mA
Vf
0.8
0.9
V
@If = 12 mA
1.5
V
Leakage Current @ VSS<Vin<VDD = 12 V
0.1
10
µA
Diode Capacitance
5pF
Environmental Characteristics
Operating Temperature
TJ
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C
Diode Power Rating
20
mW/diode
ESD Performance Withstand*:
Contact Discharge
±8
±9
kV
Air Discharge
±15
±16
kV
Electrical & Environmental Characteristics
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 2DEB-2-W20R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
2DE19P ITT-2DE19P Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DE19S ITT-2DE19S Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF171 ITT-2DEF100PBRF171 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF172 ITT-2DEF100PBRF172 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF173 ITT-2DEF100PBRF173 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
More results

Similar Description - 2DEB-2-W20R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
   Integrated ESD Protection array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
   Integrated ESD Protection Array
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com