Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2003SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2003SPBF
Description  HALF-BRIDGE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2003SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2003SPBF Datasheet HTML 6Page - International Rectifier IRS2003SPBF Datasheet HTML 7Page - International Rectifier IRS2003SPBF Datasheet HTML 8Page - International Rectifier IRS2003SPBF Datasheet HTML 9Page - International Rectifier IRS2003SPBF Datasheet HTML 10Page - International Rectifier IRS2003SPBF Datasheet HTML 11Page - International Rectifier IRS2003SPBF Datasheet HTML 12Page - International Rectifier IRS2003SPBF Datasheet HTML 13Page - International Rectifier IRS2003SPBF Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IRS2003(S)PbF
www.irf.com
10
Vcc Supply Voltage (V)
Figure 16A. Logic "1" Input Current
vs. Temperature
Figure 16B. Logic "1" Input Current
vs. Voltage
Figure 17A. Logic "0" Input Bias Current
vs. Temperature
Figure 17B. Logic "0" Input Bias Current
vs. Voltage
Temperature (
oC)
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Max.
Typ.
Max
0
5
10
15
20
25
30
10
12
14
16
18
20
Max.
Typ.
Figure 15A. Vcc Supply Current
vs. Temperature
Figure 15B. Vcc Supply Current vs. Voltage
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
Max.
Typ.
Temperature (
oC)
0
100
200
300
400
500
600
700
10
12
14
16
18
20
Max.
Typ.
Vcc Supply Voltage (V)
Max
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperatur e ( °C)
F ig u r e 1 7 A . L o g ic " 0 " I n p u t Bia s C u r r e n t
Max
0
1
2
3
4
5
6
10
12
14
16
18
20
Supply V oltage (V)


Similar Part No. - IRS2003SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2003S INFINEON-IRS2003S Datasheet
474Kb / 14P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60269
logo
International Rectifier
IRS2003STRPBF IRF-IRS2003STRPBF Datasheet
474Kb / 14P
   Floating channel designed for bootstrap operation
More results

Similar Description - IRS2003SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com