Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30WQ04FNTR Datasheet(PDF) 2 Page - International Rectifier

Part # 30WQ04FNTR
Description  SCHOTTKY RECTIFIER 3.5 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ04FNTR Datasheet(HTML) 2 Page - International Rectifier

  30WQ04FNTR Datasheet HTML 1Page - International Rectifier 30WQ04FNTR Datasheet HTML 2Page - International Rectifier 30WQ04FNTR Datasheet HTML 3Page - International Rectifier 30WQ04FNTR Datasheet HTML 4Page - International Rectifier 30WQ04FNTR Datasheet HTML 5Page - International Rectifier 30WQ04FNTR Datasheet HTML 6Page - International Rectifier 30WQ04FNTR Datasheet HTML 7Page - International Rectifier 30WQ04FNTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30WQ04FNPbF
Bulletin PD-21053 rev. B 08/06
2
www.irf.com
I
F(AV) Max. Average Forward Current
3.5
A
50% duty cycle @ T
C = 135°C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
500
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
80
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
8.0
mJ
T
J = 25 °C, IAS = 1 Amp, L = 16 mH
I
AR
Repetitive Avalanche Current
1.0
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
30WQ04FNPbF
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
40
Voltage Ratings
V
FM
Max. Forward Voltage Drop
0.53
V
@ 3A
* See Fig. 1
(1)
0.67
V
@ 6A
0.49
V
@ 3A
0.62
V
@ 6A
I
RM
Max. Reverse Leakage Current
2
mA
T
J =
25 °C
* See Fig. 2
(1)
24
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.34
V
T
J = TJ max.
r
t
Forward Slope Resistance
37.33
mΩ
C
T
Typical Junction Capacitance
189
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/μs (Rated VR)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
30WQ...
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange(*)
-40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC Max. Thermal Resistance Junction
4.7
°C/W DC operation
* See Fig. 4
to Case
wt
Approximate Weight
0.3 (0.01)
g (oz.)
Case Style
D - PAK
Similar to TO-252AA
Marking Device
30WQ04FN
Thermal-Mechanical Specifications
Parameters
30WQ... Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
30WQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 30WQ04FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ04FNTR VISHAY-30WQ04FNTR Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ04FNTR-M3 VISHAY-30WQ04FNTR-M3 Datasheet
126Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ04FNTRL VISHAY-30WQ04FNTRL Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ04FNTRL-M3 VISHAY-30WQ04FNTRL-M3 Datasheet
126Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ04FNTRLPBF VISHAY-30WQ04FNTRLPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
More results

Similar Description - 30WQ04FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ06FNPBF IRF-30WQ06FNPBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 3.5 Amp
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ06FNPBF VISHAY-30WQ06FNPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ10FNPBF VISHAY-30WQ10FNPBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com