Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20CTH03SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # 20CTH03SPBF
Description  Hyperfast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTH03SPBF Datasheet(HTML) 5 Page - International Rectifier

  20CTH03SPBF Datasheet HTML 1Page - International Rectifier 20CTH03SPBF Datasheet HTML 2Page - International Rectifier 20CTH03SPBF Datasheet HTML 3Page - International Rectifier 20CTH03SPBF Datasheet HTML 4Page - International Rectifier 20CTH03SPBF Datasheet HTML 5Page - International Rectifier 20CTH03SPBF Datasheet HTML 6Page - International Rectifier 20CTH03SPBF Datasheet HTML 7Page - International Rectifier 20CTH03SPBF Datasheet HTML 8Page - International Rectifier 20CTH03SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
20CTH03SPbF, 20CTH03-1PbF
Bulletin PD-21070 07/05
www.irf.com
IRFP250
D.U.T.
L = 70µH
V
= 200V
R
0.01 Ω
G
D
S
dif/dt
ADJUST
Fig. 9- Reverse Recovery Parameter Test Circuit
Reverse Recovery Circuit
diF /dt
ta
tb
trr
Qrr
IF
I RRM
I RRM
0.5
di(rec)M/dt
0.75 IRRM
5
4
3
2
0
1
di /dt
f
Fig. 11 - Reverse Recovery Waveform and Definitions
diF /dt
4. Qrr - Area under curve defined by t rr
and IRRM
5. di (rec) M / dt - Peak rate of change of
current during t b portion of t rr
1. diF/dt - Rate of change of current through zero
crossing
2. IRRM - Peak reverse recovery current
3. trr - Reverse recovery time measured from zero
crossing point of negative going IF to point where
a line passing through 0.75 IRRM and 0.50 IRRM
extrapolated to zero current
Q rr =
t rr x I RRM
2


Similar Part No. - 20CTH03SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF Datasheet
548Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 21Jul-08
20CTH03SPBF VISHAY-20CTH03SPBF Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 20CTH03SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com