Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M60012JVCDKR Datasheet(PDF) 3 Page - MTRONPTI

Part # M60012JVCDKR
Description  9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60012JVCDKR Datasheet(HTML) 3 Page - MTRONPTI

  M60012JVCDKR Datasheet HTML 1Page - MTRONPTI M60012JVCDKR Datasheet HTML 2Page - MTRONPTI M60012JVCDKR Datasheet HTML 3Page - MTRONPTI M60012JVCDKR Datasheet HTML 4Page - MTRONPTI M60012JVCDKR Datasheet HTML 5Page - MTRONPTI M60012JVCDKR Datasheet HTML 6Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Pin Connections
M6001, M6002, M6003 & M6004 Series
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
Features:
Operating stabilities to ± 0.5 ppm
Stratum III stability of
± 4.6 ppm (non holdover)
Applications:
Ideal for Signal Processing, Military / Avionic
Communiations, Flight Controls, WLAN,
Basestations, DWDM, SERDES, SONET / SDH,
10G and 40G Ethernet applications.


Similar Part No. - M60012JVCDKR

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60012JVCD MTRONPTI-M60012JVCD Datasheet
329Kb / 1P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
More results

Similar Description - M60012JVCDKR

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6001 MTRONPTI-M6001 Datasheet
329Kb / 1P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
M6001 MTRONPTI-M6001_07 Datasheet
450Kb / 2P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
M6005_0611 MTRONPTI-M6005_0611 Datasheet
280Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6005 MTRONPTI-M6005_07 Datasheet
394Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6005 MTRONPTI-M6005 Datasheet
250Kb / 1P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007 MTRONPTI-M6007_07 Datasheet
410Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6007 MTRONPTI-M6007 Datasheet
129Kb / 1P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6007_0611 MTRONPTI-M6007_0611 Datasheet
283Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M7S_0611 MTRONPTI-M7S_0611 Datasheet
286Kb / 2P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com