Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ626162 Datasheet(PDF) 11 Page - Texas Instruments

Part # SMJ626162
Description  524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ626162 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SMJ626162 Datasheet HTML 7Page - Texas Instruments SMJ626162 Datasheet HTML 8Page - Texas Instruments SMJ626162 Datasheet HTML 9Page - Texas Instruments SMJ626162 Datasheet HTML 10Page - Texas Instruments SMJ626162 Datasheet HTML 11Page - Texas Instruments SMJ626162 Datasheet HTML 12Page - Texas Instruments SMJ626162 Datasheet HTML 13Page - Texas Instruments SMJ626162 Datasheet HTML 14Page - Texas Instruments SMJ626162 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SMJ626162
524288 BY 16-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SGMS737C – JULY 1997 – REVISED MARCH 1999
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
interrupted bursts (continued)
CLK
DQ
READ Command
Interrupting
WRT Command
QD
D
DQMx
See Note B
nCCD = 5 Cycles
NOTES: A. For this example, assume read latency = 3 and burst length = 4.
B. DQMx must be high to mask output of the read burst on cycles (nCCD – 1), nCCD, and (nCDD + 1).
Figure 3. Read Burst Interrupted by Write Command
DQ
CLK
Q
Q
Interrupting
DEAC/DCAB
Command
READ Command
nHZP
nCCD = 2 Cycles
NOTE A: For this example, assume read latency = 3 and burst length = 4.
Figure 4. Read Burst Interrupted by DEAC Command
Table 8. Write-Burst Interruption
INTERRUPTING
COMMAND
EFFECT OR NOTE ON USE DURING WRITE BURST
READ, READ-P
Data that was input on the previous cycle is written; no further data inputs are accepted (see Figure 5).
WRT, WRT-P
The new WRT (WRT-P) command and data inputs immediately supersede the write burst in progress
(see Figure 6).
DEAC, DCAB
The DEAC/DCAB command immediately supersedes the write burst in progress. DQMx must be used to
mask the DQ bus such that the write recovery specification (tRWL) is not violated by the
interrupt (see Figure 7).


Similar Part No. - SMJ626162

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SMJ-100B TALEMA-SMJ-100B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
SMJ-130B TALEMA-SMJ-130B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
SMJ-140B TALEMA-SMJ-140B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
   180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SMJ-C8 SYNERGY-SMJ-C8 Datasheet
334Kb / 4P
   4 PORT 0/180쨘 HYBRID SURFACE MOUNT
More results

Similar Description - SMJ626162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ44C256 TI-SMJ44C256 Datasheet
330Kb / 21P
[Old version datasheet]   262144 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS417800A TI1-TMS417800A Datasheet
343Kb / 24P
[Old version datasheet]   2097152 BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com