Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6003 Datasheet(PDF) 2 Page - MTRONPTI

Part # M6003
Description  9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6003 Datasheet(HTML) 2 Page - MTRONPTI

  M6003 Datasheet HTML 1Page - MTRONPTI M6003 Datasheet HTML 2Page - MTRONPTI M6003 Datasheet HTML 3Page - MTRONPTI M6003 Datasheet HTML 4Page - MTRONPTI M6003 Datasheet HTML 5Page - MTRONPTI M6003 Datasheet HTML 6Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
APPLICATION INFORMATION
M6001, M6002, M6003 & M6004 Series
9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
MtronPTI is one of the first companies to introduce a family of low voltage, surface mount TCXO’s
and VCTCXO’s (voltage controlled TCXO) that are designed to provide network and wireless engi-
neers with products that offer tight stability and excellent aging characteristics. The M6001-6004
Series utilizes hermetically sealed crystals, along with a “low-aging” process, to achieve consistent,
long-term stability and minimal frequency shift in the customer’s application after re-flow. With this
process, a first year aging rate of less than 1 ppm is achievable. A stability of ± 0.5 ppm over 0°C to
+70°C is available as well as stabilities ranging from ± 1 ppm to ± 4.6 ppm over -40°C to +85°C.
A special version (L-stability option) of the M6001-6004 is available for Stratum 3 applications.
MtronPTI’s unique approach to crystal compensation enables these devices to achieve Stratum 3
stability (± 4.6 ppm) from -40°C to 85°C. The low phase noise (-143 dBc/Hz @ 10 kHz) make the
M6001-6004 ideal for those design engineers working on high data-rate, low BER data communica-
tion network products.
The M6001/M6002 (3.3 V and 5 V TCXO) and M6003/M6004 (3.3 V and 5 V VCTCXO) are ideally
suited for a wide range of applications such as: SONET, SDH, SERDES, and PCS base stations;
point to point/multi-point radios; WDM systems; Gig-Ethernet; 10G and 40G systems; test and mea-
surement; frequency synthesis; frequency translation; specialized mobile radio, and WLAN. Stan-
dard output for the M6001-6004 series is HCMOS compatible and draws as little as 4 mA with a 3.3
volt supply at 19.440 MHz frequency. This low power consumption provides an advantage over
similarly specified ovenized oscillators for power-sensitive applications.
Customers can order product with or without the tristate feature. The M6003-6004 series offers ±10
ppm minimum pull range with excellent tuning linearity performance for critical PPL applications.
These products are available in frequencies from 5 to 30 MHz, and can be offered in a surface mount
FR-4 based platform with industry standard 9 x 14 mm footprint. Contact the factory for 14 pin DIP
configuration.


Similar Part No. - M6003

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6003 MTRONPTI-M6003 Datasheet
329Kb / 1P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
M6003 MTRONPTI-M6003 Datasheet
450Kb / 2P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
logo
Heyco.
M6003 HEYCO-M6003 Datasheet
307Kb / 1P
   HEYbrid™ Stainless Steel Liquid Tight Cordgrips
logo
MTRONPTI
M60031GFC MTRONPTI-M60031GFC Datasheet
450Kb / 2P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
M60031GFC-R MTRONPTI-M60031GFC-R Datasheet
450Kb / 2P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
More results

Similar Description - M6003

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6001 MTRONPTI-M6001 Datasheet
329Kb / 1P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO
M6001 MTRONPTI-M6001_07 Datasheet
450Kb / 2P
   9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and TCVCXO
M6005_0611 MTRONPTI-M6005_0611 Datasheet
280Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6005 MTRONPTI-M6005_07 Datasheet
394Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6005 MTRONPTI-M6005 Datasheet
250Kb / 1P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCXO
M6007 MTRONPTI-M6007_07 Datasheet
410Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6007 MTRONPTI-M6007 Datasheet
129Kb / 1P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M6007_0611 MTRONPTI-M6007_0611 Datasheet
283Kb / 2P
   9x14 mm FR-4, 3.3 Volt, HCMOS/TTL, TCVCXO
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M7S_0611 MTRONPTI-M7S_0611 Datasheet
286Kb / 2P
   9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com