Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M253263QCN Datasheet(PDF) 1 Page - MTRONPTI

Part # M253263QCN
Description  2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M253263QCN Datasheet(HTML) 1 Page - MTRONPTI

  M253263QCN Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 3-20-08
M2532 Series
2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
3.3 Volt Operation
Standby or Tristate Option
High density boards, low power circuits, portable test sets


Similar Part No. - M253263QCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M253263QCN MTRONPTI-M253263QCN Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
More results

Similar Description - M253263QCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2060 MTRONPTI-M2060 Datasheet
603Kb / 7P
   3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
M3R MTRONPTI-M3R_08 Datasheet
456Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R_0612 MTRONPTI-M3R_0612 Datasheet
342Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M3R MTRONPTI-M3R Datasheet
256Kb / 1P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M8R_0611 MTRONPTI-M8R_0611 Datasheet
284Kb / 2P
   9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M8R MTRONPTI-M8R Datasheet
253Kb / 1P
   9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250_07 Datasheet
284Kb / 2P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
271Kb / 1P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
408Kb / 2P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com