Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD5003A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD5003A
Description  Enhanced Pager Decoder for POCSAG
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD5003A Datasheet HTML 2Page - NXP Semiconductors PCD5003A Datasheet HTML 3Page - NXP Semiconductors PCD5003A Datasheet HTML 4Page - NXP Semiconductors PCD5003A Datasheet HTML 5Page - NXP Semiconductors PCD5003A Datasheet HTML 6Page - NXP Semiconductors PCD5003A Datasheet HTML 7Page - NXP Semiconductors PCD5003A Datasheet HTML 8Page - NXP Semiconductors PCD5003A Datasheet HTML 9Page - NXP Semiconductors PCD5003A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
1999 Jan 08
6
Philips Semiconductors
Product specification
Enhanced Pager Decoder for POCSAG
PCD5003A
7
FUNCTIONAL DESCRIPTION
7.1
Introduction
The PCD5003A is a very low power decoder and pager
controller specifically designed for use in new generation
radio pagers. The architecture of the PCD5003A allows for
flexible application in a wide variety of radio pager designs.
The PCD5003A is fully compatible with
“CCIR Radio
paging Code No. 1” (also known as the POCSAG code)
operating at data rates of 512, 1200 and 2400 bits/s using
a single oscillator crystal of 76.8 kHz.
In addition to the standard POCSAG sync word the
PCD5003A is also capable of recognizing up to 4 User
Programmable Sync Words (UPSWs). This permits the
reception of both private services and POCSAG
transmissions via the same radio channel.
Used together with the Philips UAA2080 or UAA2082
paging receiver, the PCD5003A offers a highly
sophisticated, miniature solution for the radio paging
market. Control of an RF synthesizer circuit is also
provided to ease alignment and channel selection.
On-chip EEPROM provides storage for user addresses
(Receiver Identity Codes or RICs) and Special
Programmed Functions (SPFs), which eliminates the need
for external storage devices and interconnection. For other
non-volatile storage 20 bytes of general purpose
EEPROM are available. The low EEPROM programming
voltage makes the PCD5003A well suited for ‘over-the-air’
programming/reprogramming.
On request from an external controlling device or
automatically (by SPF programming), the PCD5003A will
provide standard POCSAG alert cadences by driving a
standard acoustic ‘beeper’. Non-standard alert cadences
may be generated via a cadence register or a dedicated
control input.
The PCD5003A can also produce a HIGH-level acoustic
alert as well as drive an LED indicator and a vibrator motor
via external bipolar transistors.
The PCD5003A contains a low-power, high-efficiency
voltage converter (doubler) designed to provide a higher
voltage supply to LCD drivers or microcontrollers.
In addition, an independent level shifted interface is
provided allowing communication to a microcontroller
operating at a higher voltage than the PCD5003A.
Interface to such an external device is provided by an
I2C-bus which allows received call identity and message
data, data for the programming of the internal EEPROM,
alert control and pager status information to be transferred
between the devices. Pager status includes features
provided by the PCD5003A such as battery-low and
out-of-range indications. A dedicated interrupt line
minimizes the required microcontroller activity.
A selectable low frequency timing reference is provided for
use in real-time clock functions.
Data synchronization is achieved by the Philips patented
ACCESS® algorithm ensuring that maximum advantage is
made of the POCSAG code structure particularly in fading
radio signal conditions. The algorithm allows for data
synchronization without preamble detection whilst
minimizing battery power consumption.
Random and (optional) burst error correction techniques
are applied to the received data to optimize on call success
rate without increasing falsing rate beyond specified
POCSAG levels.
7.2
The POCSAG paging code
A transmission using the
“CCIR Radio paging Code No. 1”
(POCSAG code) is constructed in accordance with the
following rules (see Fig.3).
The transmission is started by sending a preamble,
consisting of at least 576 continuously alternating bits
(10101010...). The preamble is followed by an arbitrary
number of batch blocks. Only complete batches are
transmitted.
Each batch comprises 17 code-words of 32 bits each.
The first code-word is a synchronization code-word with a
fixed pattern. The sync word is followed by 8 frames
(0 to 7) of 2 code-words each, containing message
information. A code-word in a frame can either be an
address, message or idle code-word.
Idle code-words also have a fixed pattern and are used to
fill empty frames or to separate messages.
Address code-words are identified by an MSB of logic 0
and are coded as shown in Fig.3. A user address or RIC
consists of 21 bits. Only the upper 18 bits are encoded in
the address code-word (bits 2 to 19). The lower 3 bits
designate the frame number (0 to 7) in which the address
is transmitted.
Four different call types (‘numeric’, ‘alphanumeric’ and
two ‘alert only’ types) can be distinguished on each user
address. The call type is determined by two function bits in
the address code-word (bits 20 and 21), as shown in
Table 1.


Similar Part No. - PCD5003A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003H PHILIPS-PCD5003H Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5003U/10 PHILIPS-PCD5003U/10 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
More results

Similar Description - PCD5003A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
   Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
   POCSAG Decoder For Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
   POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
logo
Nippon Precision Circui...
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
logo
NXP Semiconductors
PCD5008 PHILIPS-PCD5008 Datasheet
341Kb / 64P
   FLEX Pager Decoder
1998 Jun 17
logo
Weltrend Semiconductor
WT5082 WELTREND-WT5082 Datasheet
35Kb / 4P
   Pager Controller with POCSAG Decoder??2KB SRAM??296KB ROM and 56x32/56x33 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com