Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8F128K32 Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS8F128K32
Description  128K x 32 FLASH FLASH MEMORY ARRAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F128K32 Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS8F128K32 Datasheet HTML 2Page - Austin Semiconductor AS8F128K32 Datasheet HTML 3Page - Austin Semiconductor AS8F128K32 Datasheet HTML 4Page - Austin Semiconductor AS8F128K32 Datasheet HTML 5Page - Austin Semiconductor AS8F128K32 Datasheet HTML 6Page - Austin Semiconductor AS8F128K32 Datasheet HTML 7Page - Austin Semiconductor AS8F128K32 Datasheet HTML 8Page - Austin Semiconductor AS8F128K32 Datasheet HTML 9Page - Austin Semiconductor AS8F128K32 Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F128K32
Austin Semiconductor, Inc.
AS8F128K32
Rev. 2.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
COMMAND DEFINITIONS
Writing specific address and data commands or sequences
into the command register initiates device operations. The
Command Definitions table defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device to
reading array data.
All addresses are latched on the falling edge of WEx\ or
CEx\, whichever happens later. All data is latched on the rising
edge of WEx\ or CEx\, whichever happens first. Refer to the
appropriate timing diagrams in the “AC Characteristics”
section.
Reading Array Data
The device is automatically set to reading array data after
device power-up. No commands are required to retrieve data.
The device is also ready to read array data after completing an
Embedded Program or Embedded Erase algorithm.
The system must issue the reset command to re-enable the
device for reading array data if I/O5* goes high, or while in the
autoselect mode. See the “Reset Command” section, next.
See also “Requirements for Reading Array Data” in the
“Device Bus Operations” section for more information. The
Read Operations table provides the read parameters, and Read
Operation Timings diagram shows the timing diagram.
Reset Command
Writing the reset command to the device resets the device
to reading array data. Address bits are don’t care for this
command.
The reset command may be written between the sequence
cycles in an erase command sequence before erasing begins.
This resets the device to reading array data. Once erasure
begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence
cycles in a program command sequence before programming
begins. This resets the device to reading array data. Once
programming begins, however, the device ignores reset
commands until the operation is complete.
The reset command may be written between the sequence
cycles in an autoselect command sequence. Once in the
autoselect mode, the reset command must be written to return
to reading array data.
If I/O5* goes high during a program or erase operation,
writing the reset command returns the device to reading array
data.
Autoselect Command Sequence
The autoselect command sequence allows the host
system to access the manufacturer and devices codes, and
determine whether or not a sector is protected. The Command
Definitions table shows the address and data requirements.
This method is an alternative to that shown in the Autoselect
Codes (High Voltage Method) table, which is intended for
PROM programmers and requires V
ID on address bit A9.
The autoselect command sequence is initiated by writing
two unlock cycles, followed by the autoselect command. The
device then enters the autoselect mode, and the system may
read at any address any number of times, without initiating
another command sequence.
A read cycle at address XX00h or retrieves the
manufacturer code. A read cycle at address XX01h returns the
device code. A read cycle containing a sector address (SA) and
the address 02h in returns 01h if that sector is protected, or 00h
if it is unprotected. Refer to the Sector Address tables for valid
sector addresses.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program
command sequence is initiated by writing two unlock write
cycles, followed by the program set-up command. The program
address and data are written next, which in turn initiate the
Embedded Program algorithm. The system is not required to
provide further controls or timings. The device automatically
provides internally generated program pulses and verify the
programmed cell margin. The Command Definitions take shows
the address and data requirements for the byte program
command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are no
longer latched. The system can determine the status of the
program operation by using I/O7or I/O6. See “Write Operation
Status” for information on these status bits.
Any commands written to the device during the
Embedded Program Algorithm are ignored.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed from a “0”
back to a “1”. Attempting to do so may halt the operation and
set I/O5* to “1”, or cause the Data\ Polling algorithm to indicate
the operation was successful. However, a succeeding read will
show that the data is still “0”. Only erase operations can
convert a “0” to a “1”.
*NOTE: applies to every 8th byte (i.e. I/O5, I/O13, I/O21, I/O29)


Similar Part No. - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Austin Semiconductor
AS8F128K32Q-120/883C AUSTIN-AS8F128K32Q-120/883C Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/IT AUSTIN-AS8F128K32Q-120/IT Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/Q AUSTIN-AS8F128K32Q-120/Q Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com