Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8ER128K32 Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS8ER128K32
Description  128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8ER128K32 Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS8ER128K32 Datasheet HTML 5Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 6Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 7Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 8Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 9Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 10Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 11Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 12Page - Austin Semiconductor AS8ER128K32 Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS8ER128K32
Austin Semiconductor, Inc.
AS8ER128K32
Rev. 4.5 2/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
End Of
Life
DATA POLLING TIMING WAVEFORM
An
An
Din X
Dout X
Dout X
t
OE
(7)
t
WC
t
OEH
t
CE
(7)
t
OES
t
DW
Address
CE\
WE\
OE\
I\O7
NOTES:
1. t
DF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and are no longer driven.
2. Use this device in longer cycle than this value.
3. t
WC must be longer than this value unless polling techniques or RDY/Busy\ are used.
This device automatically com-
pletes the internal write operation within this value.
4. Next read or write operation can be initiated after t
DW if polling techniques or RDY/Busy\ are used.
5. This parameter is sampled and not 100% tested.
6. A7 to A16 are page addresses and must be same within the page write operation.
7. See AC read characteristics.


Similar Part No. - AS8ER128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32 Datasheet
163Kb / 14P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array
AS8ER128K32 AUSTIN-AS8ER128K32 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
   TTL Compatible Inputs and Outputs
logo
Austin Semiconductor
AS8ER128K32Q-150/883C AUSTIN-AS8ER128K32Q-150/883C Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32Q-150/IT AUSTIN-AS8ER128K32Q-150/IT Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
More results

Similar Description - AS8ER128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32 Datasheet
163Kb / 14P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32_05 Datasheet
287Kb / 13P
   128K x 32 EEPROM EEPROM Memory Array
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS58LC1001 AUSTIN-AS58LC1001 Datasheet
283Kb / 21P
   128K x 8 EEPROM Radiation Tolerant
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com