Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SS256K36 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS5SS256K36
Description  256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K36 Datasheet(HTML) 5 Page - Austin Semiconductor

  AS5SS256K36 Datasheet HTML 1Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 2Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 3Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 4Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 5Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 6Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 7Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 8Page - Austin Semiconductor AS5SS256K36 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSRAM
SSRAM
SSRAM
SSRAM
SSRAM
AS5SS256K36 &
AS5SS256K36A
Austin Semiconductor, Inc.
AS5SS256K36 &
AS5SS256K36A
Rev. 3.5 2/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
INTERLEAVED BURST ADDRESS TABLE (MODE = NC OR HIGH)
FIRST ADDRESS (EXTERNAL) SECOND ADDRESS (INTERNAL) THIRD ADDRESS (INTERNAL) FOURTH ADDRESS (INTERNAL)
X…X00
X…X01
X…X10
X…X11
X…X01
X…X00
X…X11
X…X10
X…X10
X…X11
X…X00
X…X01
X…X11
X…X10
X…X01
X…X00
LINEAR BURST ADDRESS TABLE (MODE = LOW)
FIRST ADDRESS (EXTERNAL) SECOND ADDRESS (INTERNAL) THIRD ADDRESS (INTERNAL) FOURTH ADDRESS (INTERNAL)
X…X00
X…X01
X…X10
X…X11
X…X01
X…X10
X…X11
X…X00
X…X10
X…X11
X…X00
X…X01
X…X11
X…X00
X…X01
X…X10
PARTIAL TRUTH TABLE FOR WRITE COMMANDS
FUNCTION
GW\
BWE\
BWa\
BWb\
BWc\
BWd\
READ
H
H
XXXX
READ
H
L
HHHH
WRITE Byte "a"
H
L
L
H
H
H
WRITE All Bytes
H
LLLLL
WRITE All Bytes
L
XXXXX


Similar Part No. - AS5SS256K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K36A AUSTIN-AS5SS256K36A Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/883C AUSTIN-AS5SS256K36ADQ-10/883C Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36ADQ-10/IT AUSTIN-AS5SS256K36ADQ-10/IT Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results

Similar Description - AS5SS256K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Austin Semiconductor
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
   512K x 36 SSRAM Flow-Through SRAM No Bus Latency
AS5SS128K36 AUSTIN-AS5SS128K36 Datasheet
144Kb / 16P
   128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com