Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SS256K18DQ-8IT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS5SS256K18DQ-8IT
Description  256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K18DQ-8IT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS5SS256K18DQ-8IT Datasheet HTML 4Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 5Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 6Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 7Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 8Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 9Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 10Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 11Page - Austin Semiconductor AS5SS256K18DQ-8IT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AS5SS256K18
Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
SSRAM
AS5SS256K18
Austin Semiconductor, Inc.
AC TEST CONDITIONS
OUTPUT LOADS
VIH = (VDD/2.2) + 1.5V
VIL = (VDD/2.2) - 1.5V
Input rise and fall times
1ns
Input timing reference levels
VDD/2.2
Output reference levels
VDDQ/2.2
Output load
See Figures 1 and 2
Input pulse levels
3.3v
DQ
Fig. 2 OUTPUT LOAD EQUIVALENT
351
5 pF
317
Fig. 1 OUTPUT LOAD EQUIVALENT
DQ
50
Z
0=50Ω
Vt = 1.5V
LOAD DERATING CURVES
ASI’s 256K x 18 Synchronous Burst SRAM timing is dependent upon
the capacitive loading on the outputs.
SNOOZE MODE
SNOOZE MODE is a low-current, “power-down” mode in which the
device is deselected and current is reduced to I
SB2Z.
The duration of
SNOOZE MODE is dictated by the length of time ZZ is in a HIGH
state. After the device enters SNOOZE MODE, all inputs except ZZ
become gated inputs and are ignored.
ZZ is an asynchronous, active HIGH input that causes the device to
enter SNOOZE MODE. When ZZ becomes a logic HIGH, I
SB2Z
is
guaranteed after the setup time t
ZZ
is met. Any READ or WRITE
operation pending when the device enters SNOOZE MODE is not
quaranteed to complete successfully. Therefore, SNOOZE MODE
must not be initiated until valid pending operations are completed.
* Except ZZ
1234
1234
1234
1234
Don’t Care
SNOOZE MODE WAVEFORM
DESCRIPTION
CONDITIONS
SYM
MIN
MAX
UNITS
NOTES
Current during SNOOZE MODE
ZZ > VIH
ISB2Z
10
mA
ZZ active to input ignored
tZZ
tKC
ns
1
ZZ inactive to input sampled
tRZZ
tKC
ns
1
ZZ active to snooze current
tZZI
tKC
ns
1
ZZ inactive to exit snooze current
tRZZI
0ns
1
SNOOZE MODE ELECTRICAL CHARACTERISTICS
NOTE: 1. This parameter is sampled.
12345
12345
12345
12345
12345
12345
12345
12345
1234567890
1234567890
1234567890
1234567890
1
1
1
1
12
12
12
12
t
ZZ
t
RZZ
t
ZZI
I
SB2
t
RZZI
CLK
ZZ
I
SUPPLY
ALL INPUTS*


Similar Part No. - AS5SS256K18DQ-8IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18DQ-8/IT AUSTIN-AS5SS256K18DQ-8/IT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results

Similar Description - AS5SS256K18DQ-8IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com