Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SS256K18 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS5SS256K18
Description  256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS256K18 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS5SS256K18 Datasheet HTML 1Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 2Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 3Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 4Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 5Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 6Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 7Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 8Page - Austin Semiconductor AS5SS256K18 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS5SS256K18
Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SSRAM
AS5SS256K18
Austin Semiconductor, Inc.
PIN DESCRIPTIONS
PIN NUMBERS
SYM
TYPE
DESCRIPTION
37, 36, 32-35, 44-50,
80-82, 99, 100
SA0, SA1,
SA
Input
Synchronous Address Inputs: These inputs are registered and must meet the setup and
hold times around the rising edge of CLK.
93, 94
BWa\
BWb\
Input
Synchronous Byte Write Enables: These active LOW inputs allow individual bytes to be
written and must meet the setup and hold times around the rising edge of CLK. A byte
write enables is LOW for a WRITE cycle and HIGH for a READ cycle. BWa\ controls DQa
pins and DQPa; BWb\ controls DQb pins and DQPb.
87
BWE\
Input
Byte Write Enable: This active LOW input permits BYTE WRITE operations and must meet
the setup and hold times around the rising edge of CLK.
88
GW\
Input
Global Write: This active LOW input allows a full 18-bit WRITE to occur independent of the
BWE\ and BWx\ lines and must meet the setup and hold times around the rising edge of
CLK.
89
CLK
Input
Clock: This signal registers the addresses, data, chip enables, byte write enables and burst
control inputs on its rising edge. All synchronous inputs must meet setup and hold times
around the clock’s rising edge.
98
CE\
Input
Synchronous Chip Enable: This active LOW input is used to enable the device and
Conditions the internal use of ADSP\. CE\ is sampled only when a new external address is
loaded.
92
CE2\
Input
Synchronous Chip Enable: This active LOW input is used to enable the device and is
sampled only when a new external address is loaded.
97
CE2
Input
Synchronous Chip Enable: This active HIGH input is used to enable the device and is
sampled only when a new external address is loaded.
86
OE\
Input
Output Enable: This active LOW, asynchronous input enables the data I/O output drivers.
83
ADV\
Input
Synchronous Address Advance: This active LOW input is used to advance the internal
burst counter, controlling burst access after the external address is loaded. A HIGH on this
pin effectively causes wait states to be generated (no address advance). To ensure use of
correct address during WRITE cycle, ADV\ must be HIGH at the rising edge of the first
clock after an ADSP\ cycle is initiated.
84
ADSP\
Input
Synchronous Address Status Processor: This active LOW input interrupts any ongoing
burst, causing a new external address to be registered. A READ is performed using the
new address, independent of the byte write enables and ADSC\, but dependent upon CE\,
CE2, and CE2\. ADSP\ is ignored if CE\ is HIGH. Power-down state is entered if CE2 if
LOW or CE2\ is HIGH.
85
ADSC\
Input
Synchronous Address Status Controller: This active LOW input interrupts any ongoing
burst, causing a new external address to be registered. A READ or WRITE is performed
using the new address if CE\ is LOW. ADSC\ is also used to place the chip into power-
down state when CE\ is HIGH.
31
MODE
Input
Mode: This input selects the burst sequence. A LOW on this pin selects LINEAR BURST. A
NC or HIGH on this pin selects INTERLEAVED BURST. Do not alter input state while
device is operating.
64
ZZ
Input
Snooze Enable: This active HIGH, asynchronous input causes the device to enter a low-
power standby mode in which all data in the memory array is retained. When ZZ is active,
all other inputs are ignored.
(a) 58, 59, 62, 63, 68,
69, 72, 73
(b) 8, 9, 12,13, 18, 19,
22, 23
DQa
DQb
Input/
Output
SRAM Data I/Os: Byte "a" is DQa pins; Byte "b" is DQb pins. Input data must meet setup
and hold times around the rising edge of CLK.
74, 24
NC/DQPa
NC/DQPb
NC/ I/O
No Connect/Parity Data I/Os: Byte "a" is DQPa pins; Byte "b" is DQPb pins.
15, 41,65, 91
VDD
Supply
Power Supply: See DC Electrical Characteristics and Operating Conditions for range.
4, 11, 20, 27, 54, 61,
70, 77
VDDQ
Supply
Isolated Output Buffer Supply: See DC Electrical Characterics and Operating Conditions for
range.
5, 10, 14, 17, 21, 26,
40, 55, 60, 67 71, 76,
90
VSS
Supply
Ground: GND
38, 39
DNU
---
Do Not Use: These signals may either be unconnected or wired to GND to improve
package heat dissipation.
1-3, 6, 7, 16,25, 28-30,
51-53, 56,57, 66, 75,
78, 79, 95, 96
NC
-----
No Connect: These signals are not internally connected and may be connected to ground to
improve package heat dissipation.
42, 43
NF
No Function: These pins are internally connected to the die and will have the capacitance of
input pins. It is allowable to leave these pins unconnected or driven by signals.


Similar Part No. - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-8/IT AUSTIN-AS5SS256K18DQ-8/IT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-9/IT AUSTIN-AS5SS256K18DQ-9/IT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results

Similar Description - AS5SS256K18

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com