Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1567CDM Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-1567CDM
Description  5V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1567CDM Datasheet(HTML) 9 Page - Holt Integrated Circuits

  HI-1567CDM Datasheet HTML 1Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 2Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 3Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 4Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 5Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 6Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 7Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 8Page - Holt Integrated Circuits HI-1567CDM Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKAGE DIMENSIONS
millimeters
HOLT INTEGRATED CIRCUITS
9
Heat sink stud on
bottom of package.
7.00 ± .10
7.00 ± .10
5.65 ± .15
5.65 ± .15
0.40 ± .05
0.25 typ
0.50
0.2 typ
0.90 ± .10
44-PIN PLASTIC CHIP-SCALE PACKAGE


Similar Part No. - HI-1567CDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567CDM HOLTIC-HI-1567CDM Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567CDM HOLTIC-HI-1567CDM Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567CDM HOLTIC-HI-1567CDM Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567CDM-03 HOLTIC-HI-1567CDM-03 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
More results

Similar Description - HI-1567CDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com