Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1568CDT Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-1568CDT
Description  5V MONOLITHIC DUAL TRANSCEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568CDT Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-1568CDT Datasheet HTML 1Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 2Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 3Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 4Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 5Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 6Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 7Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 8Page - Holt Integrated Circuits HI-1568CDT Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN DESCRIPTIONS
FUNCTIONAL DESCRIPTION
PIN
SYMBOL
FUNCTION
DESCRIPTION
(DIP/ESOIC)
1
VDDA
power supply
+5 volt power for channel A
2
BUSA
analog output
MIL-STD-1533 bus driver A, positive signal
3
analog output
MIL-STD-1553 bus driver A, negative signal
4
RXENA
digital input
Receiver A enable. If low, forces RXA and
low (HI-1567) or High (HI-1568)
5
GNDA
power supply
Ground for channel A
6
VDDB
7
BUSB
9
RXENB
10
GNDB
11
12
RXB
digital output
Receiver B output, non-inverted
13
TXINHB
digital input
Transmit inhibit, channel B. If high BUSB,
disabled
14
TXB
digital input
Transmitter B digital data input, non-inverted
15
digital input
Transmitter B digital data input, inverted
16
digital output
BUSA
RXA
BUSB
TXB
RXA
power supply
+5 volt power for channel B
analog output
MIL-STD-1533 bus driver B, positive signal
8
analog output
MIL-STD-1553 bus driver B, negative signal
digital input
Receiver B enable. If low, forces RXB and
low (HI-1567) or High (HI-1568)
power supply
Ground for channel B
digital output
Receiver B output, inverted
Receiver A output, inverted
17
RXA
digital output
Receiver A output, non-inverted
18
TXINHA
digital input
Transmit inhibit, channel A. If high BUSA,
disabled
19
TXA
digital input
Transmitter A digital data input, non-inverted
20
digital input
Transmitter A digital data input, inverted
BUSB
RXB
RXB
BUSA
TXA
The HI-1567 family of data bus transceivers contain differ-
ential voltage source drivers and differential receivers.
They are intended for applications using a MIL-STD-1553
A/B data bus. The device produces a trapezoidal output
waveform during transmission.
Data input to the device’s transmitter section is from the
complementary CMOS /TTL inputs TXA/B and
/ .
The transmitter accepts Manchester II bi-phase data and
converts it to differential voltages on
.
The transceiver outputs are either direct or transformer
coupled to the MIL-STD-1553 data bus.
Both coupling
methods produce a nominal voltage on the bus of 7.5 volts
peak to peak.
TRANSMITTER
TXA B
BUSA/B and
/
The transmitter is automatically inhibited and placed in the
high impedance state when both TXA/B and
/ are ei-
ther at a logic “1” or logic “0” simultaneously. A logic “1” ap-
plied to the TXINHA/B input will force the transmitter to the
high impedance state, regardless of the state of TXA/B and
/
BUSA B
TXA B
TXA B.
RECEIVER
The receiver accepts bi-phase differential data from the
MIL-STD-1553 bus through the same direct or transformer
coupled interface as the transmitter. The receiver’s differ-
ential input stage drives a filter and threshold comparator
that produces CMOS/TTL data at the RXA/B and
/
output pins.
RXA B
Each set of receiver outputs can be independently forced
to a logic "0" (HI-1567) or logic “1” (HI-1568) by setting
RXENA or RXENB low.
A direct coupled interface (see Figure 2) uses a 1:2.5 ratio
isolation transformer and two 55 ohm isolation resistors
between the transformer and the bus.
In a transformer coupled interface (see Figure 3), the
transceiver is connected to a 1:1.79 isolation transformer
which in turn is connected to a 1:1.4 coupling transformer.
The transformer coupled method also requires two
coupling resistors equal to 75% of the bus characteristic
impedence (Zo) between the coupling transformer and the
bus.
MIL-STD-1553 BUS INTERFACE
HI-1567, HI-1568
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-1568CDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568CDT HOLTIC-HI-1568CDT Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568CDT HOLTIC-HI-1568CDT Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568CDT HOLTIC-HI-1568CDT Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1568CDT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com