Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1568PSI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-1568PSI
Description  5V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568PSI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-1568PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-1568PSI Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Voltage
VDD
4.75
5
5.25
V
Total Supply Current
ICC1
Not Transmitting
14
22
mA
ICC2
Transmit one channel @
340
mA
50% duty cycle
ICC3
Transmit one channel @
550
mA
100% duty cycle
Power Dissipation
PD1
Not Transmitting
0.11
W
PD2
Transmit one channel @
0.70
0.95
W
100% duty cycle
Min. Input Voltage
(HI)
V
Digital inputs
2.0
1.4
V
Max. Input Voltage
(LO)
V
Digital inputs
1.4
0.8
V
Min. Input Current
(HI)
I
V
= 4.9V, Digital inputs
20
µA
Max. Input Current
(LO)
I
V
= 0.1V, Digital inputs
-20
µA
Min. Output Voltage
(HI)
V
I
= -0.4mA, Digital outputs
2.7
V
Max. Output Voltage
(LO)
V
I
= 4.0mA, Digital outputs
0.4
V
Input resistance
R
Differential
20
Kohm
Input capacitance
C
Differential
5
pF
Common mode rejection ratio
CMRR
40
dB
Input Level
V
Differential
9
Vp-p
Input common mode voltage
V
-5.0
5.0
V-pk
Threshold Voltage - Direct-coupled
Detect
1.15
20.0
No Detect
0.28
Threshold Voltage -
Detect
0.86
14.0
No Detect
0.20
200
400
V
1 Mhz Sine Wave
Vp-p
V
(Measured at Point “A “ in Figure 2)
Vp-p
Transformer-coupled
V
1 MHz Sine Wave
Vp-p
V
(Measured at Point “A “ in Figure 3)
Vp-p
IH
IL
IH
IH
IL
IL
OH
OUT
IH
OUT
D
RECEIVER
(Measured at Point “A “ in Figure 2 unless otherwise specified)
IN
IN
IN
ICM
THD
THND
THD
THND
D
T
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to the
device. These are stress ratings only. Operation
at the limits is not recommended.
Supply voltage (
Logic input voltage range
Power dissipation at 25°C
1.0 W
ceramic DIL, derate
7mW/°C
Solder Temperature
275°C for 10 sec.
Junction Temperature
175°C
Storage Temperature
-65°C to +150°C
VDD)
-0.3 V to +7 V
-0.3 V dc to +5.5 V
Receiver differential voltage
10 Vp-p
Driver peak output current
+1.0 A
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Temperature Range
Industrial Screening.........-40°C to +85°C
Hi-Temp Screening........-55°C to +125°C
Military Screening..........-55°C to +125°C
VDD....................................... 5V... ±5%
DC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
A
HI-1567, HI-1568
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-1568PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568PSI HOLTIC-HI-1568PSI Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1568PSIF HOLTIC-HI-1568PSIF Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1568PSIM HOLTIC-HI-1568PSIM Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
More results

Similar Description - HI-1568PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com