Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39V080FATZ Datasheet(PDF) 11 Page - Winbond

Part # W39V080FATZ
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FATZ Datasheet(HTML) 11 Page - Winbond

Back Button W39V080FATZ Datasheet HTML 7Page - Winbond W39V080FATZ Datasheet HTML 8Page - Winbond W39V080FATZ Datasheet HTML 9Page - Winbond W39V080FATZ Datasheet HTML 10Page - Winbond W39V080FATZ Datasheet HTML 11Page - Winbond W39V080FATZ Datasheet HTML 12Page - Winbond W39V080FATZ Datasheet HTML 13Page - Winbond W39V080FATZ Datasheet HTML 14Page - Winbond W39V080FATZ Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
W39V080FA
Publication Release Date: Dec. 13, 2005
- 11 -
Revision A5
6.13 Table of Operating Modes
6.13.1 Operating Mode Selection - Programmer Mode
MODE
PINS
#OE
#WE
#RESET
ADDRESS
DQ.
Read
VIL
VIH
VIH
AIN
Dout
Write
VIH
VIL
VIH
AIN
Din
Standby
X
X
VIL
X
High Z
Write Inhibit
VIL
X
VIH
X
High Z/DOUT
X
VIH
VIH
X
High Z/DOUT
Output Disable
VIH
X
VIH
X
High Z
6.13.2 Operating Mode Selection - FWH Mode
Operation modes in FWH interface mode are determined by "START Cycle" when it is selected.
When it is not selected, its outputs (FWH[3:0]) will be disable. Please reference to the "FWH Cycle
Definition".
Table of Command Definition
COMMAND
NO. OF
1ST CYCLE
2ND CYCLE
3RD CYCLE
4TH CYCLE
5TH CYCLE
6TH CYCLE
DESCRIPTION
Cycles (1)
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN
DOUT
Sector Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
SA
(5)
30
Byte Program
4
5555
AA
2AAA
55
5555
A0
AIN
DIN
Product ID Entry
3
5555
AA
2AAA
55
5555
90
Product ID Exit
(4)
3
5555
AA
2AAA
55
5555
F0
Product ID Exit
(4)
1
XXXX
F0
Notes:
1. The cycle means the write command cycle not the FWH clock cycle.
2. The Column Address / Row Address are mapped to the Low / High order Internal Address. i.e. Column Address
A[10:0] are mapped to the internal A[10:0], Row Address A[7:0] are mapped to the internal A[19:11]
3. Address Format: A14
−A0 (Hex); Data Format: DQ7-DQ0 (Hex)
4. Either one of the two Product ID Exit commands can be used.
5. SA: Sector Address
SA = FXXXXh for Unique Sector15 (Boot Sector)
SA = 7XXXXh for Unique Sector7
SA = EXXXXh for Unique Sector14
SA = 6XXXXh for Unique Sector6
SA = DXXXXh for Unique Sector13
SA = 5XXXXh for Unique Sector5
SA = CXXXXh for Unique Sector12
SA = 4XXXXh for Unique Sector4
SA = BXXXXh for Unique Sector11
SA = 3XXXXh for Unique Sector3
SA = AXXXXh for Unique Sector10
SA = 2XXXXh for Unique Sector2
SA = 9XXXXh for Unique Sector9
SA = 1XXXXh for Unique Sector1
SA = 8XXXXh for Unique Sector8
SA = 0XXXXh for Unique Sector0


Similar Part No. - W39V080FATZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080AP WINBOND-W39V080AP Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080APZ WINBOND-W39V080APZ Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080AQ WINBOND-W39V080AQ Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080AQZ WINBOND-W39V080AQZ Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W39V080FATZ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
   8M (1M 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com