Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8482PSF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8482PSF
Description  ARINC 429 DUAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8482PSF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8482PSF Datasheet HTML 1Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 2Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 3Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 4Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 5Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 6Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 7Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 8Page - Holt Integrated Circuits HI-8482PSF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HI-8482
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Voltage at ARINC Inputs: .......................................................-29V to +29V
Voltage at Any Other Input:.............................................-0.3V to V + 0.3V
Output Short Circuit Protected: .............................................Not Protected
Storage Temperature Range: .........................................-65°C to +150°C
Soldering Temperature: (Ceramic).................................30 sec. at +300°C
(Plastic - leads)........................10 sec. at +280°C
(Plastic - body) ................................+220°C Max.
L
Supply Voltage, +V :......................................................................+20 VDC
-V : .......................................................................-20 VDC
+V :........................................................................+7 VDC
Operating Temperature Range: (Industrial) .........................-40°C to +85°C
(Hi-Temp) ........................-55°C to +125°C
(Military) ..........................-55°C to +125°C
Internal Power Dissipation: ..............................................................900mW
S
S
L
(Voltages referenced to Gnd = 0V)
Notes:
1. Guaranteed by design.
±12
V
±15, V = +5V, Operating temperature range (unless otherwise noted)
<<
SL
PARAMETERS
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNITS
ARINC inputs - IN1A, IN1B, IN2A, IN2B
V(A) - V(B)
VIH
OUTA = 1
6.5
10
13
volts
V(A) - V(B)
VIL
OUTB = 1
-6.5
-10
-13
volts
V(A) - V(B)
VNULL
OUTA = OUTB = 0
-2.5
0
2.5
volts
(|V(A)| - |V(B)|) / 2
VCM
Frequency = 80KHz
±5
volts
Input resistance - input A to input B
RI
Supply pins floating
30K
50K
ohms
Input resistance - input A or B to Gnd
RG
Supply pins floating
19K
25K
ohms
Input capacitance - input A to B
CI
Filter caps disconnected
-
see note 1
5
10
pF
Input capacitance - input A or B to Gnd
CG
Filter caps disconnected
-
see note 1
5
10
pF
Test inputs - TESTA, TESTB
Logic 1 input voltage
VIH
ARINC inputs to Gnd, TA = 25°C
2.7
volts
Logic 0 input voltage
VIL
ARINC inputs to Gnd, TA = 25°C
0.8
volts
Logic 1 input current (magnitude)
IIH
VIH = 2.7V
5
15
µA
Logic 0 input current
IIL
VIL = 0V
0.5
1
µA
Outputs - OUT1A, OUT1B, OUT2A, OUT2B
Voltage - sourcing 100µA
VOH
TA = 25°C
4
volts
Voltage - sourcing 2.8mA
VOH
Full temperature range
3.5
volts
Voltage - sinking 100µA
VOL
TA = 25°C
0.08
volts
Voltage - sinking 2.0mA
VOL
Full temperature range
0.8
volts
Rise time
tr
CL = 50pF, TA = 25°C
40
70
ns
Fall time
tf
CL = 50pF, TA = 25°C
30
70
ns
Propagation delay - low to high (ARINC)
tPLH
CL = 50pF, TA = 25°C and filter caps disconnected
600
ns
Propagation delay - high to low (ARINC)
tPHL
CL = 50pF, TA = 25°C and filter caps disconnected
600
ns
Propagation delay - low to high (TESTA/B)
tTLH
CL = 50pF, TA = 25°C
50
ns
Propagation delay - low to high (TESTA/B)
tTHL
CL = 50pF, TA = 25°C
50
ns
Supply current
+VS current
IDD
±VS = ±15V, TA =25°C, TESTA and TESTB = 0V
3.7
7
mA
+VS current
IDD
±VS = ±12V, TA =25°C, TESTA and TESTB = 0V
3
6
mA
-VS current
IEE
±VS = ±15V, TA =25°C, TESTA and TESTB = 0V
8.7
15
mA
-VS current
IEE
±VS = ±12V, TA =25°C, TESTA and TESTB = 0V
7.4
14
mA
+VL current
ICC
±VS = ±15V, TA =25°C, TESTA and TESTB = 0V
9
20
mA
+VL current
ICC
±VS = ±12V, TA =25°C, TESTA and TESTB = 0V
8.6
18
mA
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8482PSF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482PSI HOLTIC-HI-8482PSI Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482PST HOLTIC-HI-8482PST Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8482PSF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com