Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8422PQT Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8422PQT
Description  16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8422PQT Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8422PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-8422PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8422PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8422PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8422PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8422PQT Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PIN DESCRIPTIONS
HOLT INTEGRATED CIRCUITS
2
HI-8422
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
28VIN3
Discrete Input
28 Volt / Open sensing input, channel 3
2
0VIN3
Open
3
28VIN4
4
0VIN4
5
28VIN5
6
0VIN5
7
28VIN6
Digital
9
28VIN7
10
0VIN7
11
12
13
A0
Digital input
When A0 is high D1 - D8 outputs data from 28V comparators
When A0 is low D1 - D8 show results from 0V comparators
14
VDD
15
D8
16
D7
Discrete Input
/ Ground sensing input, channel 3
Discrete Input
28 Volt / Open sensing input, channel 4
Discrete Input
Open / Ground sensing input, channel 4
Discrete Input
28 Volt / Open sensing input, channel 5
Discrete Input
Open / Ground sensing input, channel 5
input
28 Volt / Open sensing input, channel 6
8
0VIN6
Discrete Input
Open / Ground sensing input, channel 6
Discrete Input
28 Volt / Open sensing input, channel 7
Discrete Input
Open / Ground sensing input, channel 7
Digital input
Output Enable. D1-D8 are high-impedance if
is high
Digital input
Chip Enable. D1-D8 are high-impedance if
is high
Power
Positive supply voltage 5.0 V
Tri-state output
Logic output, channel 8
Tri-state output
Logic output, channel 7
17
D6
Tri-state output
Logic output, channel 6
18
D5
Tri-state output
Logic output, channel 5
19
D4
Tri-state output
Logic output, channel 4
20
28VIN8
Discrete Input
28 Volt / Open sensing input, channel 8
21
0VIN8
Discrete Input
Open / Ground sensing input, channel 8
22
N/C
Not connected
23
D3
Tri-state output
Logic output, channel 3
24
N/C
Not connected
25
D2
Tri-state output
Logic output, channel 2
26
D1
Tri-state output
Logic output, channel 1
27
GND
Power
Ground
28
N/C
Not connected
29
28VIN1
Discrete Input
28 Volt / Open sensing input, channel 1
30
0VIN1
Discrete Input
Open / Ground sensing input, channel 1
31
28VIN2
Discrete Input
28 Volt / Open sensing input, channel 2
32
0VIN2
Discrete Input
Open / Ground sensing input, channel 2
OE
OE
CE
CE


Similar Part No. - HI-8422PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8422PQT HOLTIC-HI-8422PQT Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
HI-8422PQT HOLTIC-HI-8422PQT Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422PQTF HOLTIC-HI-8422PQTF Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
HI-8422PQTF HOLTIC-HI-8422PQTF Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
More results

Similar Description - HI-8422PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8422 HOLTIC-HI-8422_14 Datasheet
63Kb / 7P
   16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1026 DEIAZ-DEI1026 Datasheet
264Kb / 8P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
DEI1026A DEIAZ-DEI1026A Datasheet
425Kb / 9P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1054 DEIAZ-DEI1054 Datasheet
369Kb / 7P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Open
DEI1058 DEIAZ-DEI1058 Datasheet
428Kb / 5P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Ground
logo
Holt Integrated Circuit...
HI-8424 HOLTIC-HI-8424_13 Datasheet
64Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing 28V / Open Signals
HI-8422 HOLTIC-HI-8422_10 Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422 HOLTIC-HI-8422_06 Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com