Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS339IPT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS339IPT
Description  Micropower Quad CMOS Voltage Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339IPT Datasheet(HTML) 8 Page - STMicroelectronics

  TS339IPT Datasheet HTML 1Page - STMicroelectronics TS339IPT Datasheet HTML 2Page - STMicroelectronics TS339IPT Datasheet HTML 3Page - STMicroelectronics TS339IPT Datasheet HTML 4Page - STMicroelectronics TS339IPT Datasheet HTML 5Page - STMicroelectronics TS339IPT Datasheet HTML 6Page - STMicroelectronics TS339IPT Datasheet HTML 7Page - STMicroelectronics TS339IPT Datasheet HTML 8Page - STMicroelectronics TS339IPT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Mechanical Data
TS339
8/9
4.3
TSSOP14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP14 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080337D


Similar Part No. - TS339IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339I STMICROELECTRONICS-TS339I Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results

Similar Description - TS339IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
   Micropower quad CMOS voltage comparators
February 2016 Rev 2
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com