Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1567CDIM Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-1567CDIM
Description  5V MONOLITHIC DUAL TRANSCEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1567CDIM Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-1567CDIM Datasheet HTML 1Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 2Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 3Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 4Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 5Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 6Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 7Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 8Page - Holt Integrated Circuits HI-1567CDIM Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HI-1567PSI
0
20 PIN PLASTIC ESOIC - WB
-40°C TO +85°C
I
NO
SOLDER
HI-1567PST
0
20 PIN PLASTIC ESOIC - WB
-55°C TO +125°C
T
NO
SOLDER
HI-1567PSM
0
20 PIN PLASTIC ESOIC - WB
-55°C TO +125°C
M
YES
SOLDER
HI-1567CDI
0
20 PIN CERAMIC SIDE BRAZED DIP
-40°C TO +85°C
I
NO
GOLD
HI-1567CDT
0
20 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
T
NO
GOLD
HI-1567CDM
0
20 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
M
YES
SOLDER
HI-1567PCI
0
44 PIN CHIP SCALE PACKAGE
-40°C TO +85°C
I
NO
SOLDER
HI-1567PCT
0
44 PIN CHIP SCALE PACKAGE
-55°C TO +125°C
T
NO
SOLDER
HI-1568PSI
1
20 PIN PLASTIC ESOIC - WB
-40°C TO +85°C
I
NO
SOLDER
HI-1568PST
1
20 PIN PLASTIC ESOIC - WB
-55°C TO +125°C
T
NO
SOLDER
HI-1568PSM
1
20 PIN PLASTIC ESOIC - WB
-55°C TO +125°C
M
YES
SOLDER
HI-1568CDI
1
20 PIN CERAMIC SIDE BRAZED DIP
-40°C TO +85°C
I
NO
GOLD
HI-1568CDT
1
20 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
T
NO
GOLD
HI-1568CDM
1
20 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
M
YES
SOLDER
HI-1568PCI
1
44 PIN CHIP SCALE PACKAGE
-40°C TO +85°C
I
NO
SOLDER
HI-1568PCT
1
44 PIN CHIP SCALE PACKAGE
-55°C TO +125°C
T
NO
SOLDER
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
PART
NUMBER
LEAD
FINISH
ORDERING INFORMATION
IDLE
STATE
PROCESS
FLOW
BURN
IN
Legend:
WB
- Wide Body
ESOIC - Thermally Enhanced Small Outline Package (SOIC w/built-in heat sink)
HI-1567, HI-1568
HOLT INTEGRATED CIRCUITS
7
RECOMMENDED TRANSFORMERS
The HI-1567 and HI-1568 transceivers have been
characterized for compliance with the electrical
requirements of MIL-STD-1553 when used with the
following transformers. Holt recommends the Premier
Magnetics parts as offering the best combination of
electrical performance, low cost and small footprint.
MANUFACTURER
PART NUMBER
APPLICATION
TURNS RATIO(S)
DIMENSIONS
Technotrol
TL1553-45
Isolation
Dual tapped 1:1.79, 1:2.5
.630 x 630 x .155 inches
Premier Magnetics
PM-DB2725EX
Isolation
Dual tapped 1:1.79, 1:2.5
.500 x .500 x .375 inches
Technotrol
TQ1553-2
Stub coupling
1:1.4
.625 x .625 x .250 inches
Premier Magnetics
PM-DB2702
Stub coupling
1:1.4
.625 x .500 x .250 inches


Similar Part No. - HI-1567CDIM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567CDI HOLTIC-HI-1567CDI Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567CDI HOLTIC-HI-1567CDI Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1567CDIM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com