Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8422 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8422
Description  16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8422 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8422 Datasheet HTML 1Page - Holt Integrated Circuits HI-8422 Datasheet HTML 2Page - Holt Integrated Circuits HI-8422 Datasheet HTML 3Page - Holt Integrated Circuits HI-8422 Datasheet HTML 4Page - Holt Integrated Circuits HI-8422 Datasheet HTML 5Page - Holt Integrated Circuits HI-8422 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BLOCK DIAGRAM
+
-
+
-
+
-
+
-
+
-
+
-
3.25V Reference
0VIN3
0VIN4
0VIN5
0VIN6
0VIN7
0VIN8
GND
+
-
D1
+
-
D2
+
-
D3
+
-
D4
+
-
D5
+
-
D6
OE
CE
VDD
28VIN1
28VIN2
28VIN3
28VIN4
28VIN5
28VIN6
66 K
29 K
66 K
29 K
66 K
29 K
66 K
29 K
66 K
29 K
66 K
29 K
3.6V Reference
+
-
+
-
28VIN7
28VIN8
66 K
29 K
66 K
29 K
+
-
+
-
VDD
0VIN1
0VIN2
D7
D8
A0
8 x 2:1
MUX
HOLT INTEGRATED CIRCUITS
3
HI-8422
9K
9K
9K
9K
9K
9K
9K
9K
5K
5K
5K
5K
5K
5K
5K
5K
5K
9K


Similar Part No. - HI-8422

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8422 HOLTIC-HI-8422 Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422PQI HOLTIC-HI-8422PQI Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
HI-8422PQI HOLTIC-HI-8422PQI Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422PQIF HOLTIC-HI-8422PQIF Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
HI-8422PQIF HOLTIC-HI-8422PQIF Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
More results

Similar Description - HI-8422

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8422 HOLTIC-HI-8422_14 Datasheet
63Kb / 7P
   16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1026 DEIAZ-DEI1026 Datasheet
264Kb / 8P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
DEI1026A DEIAZ-DEI1026A Datasheet
425Kb / 9P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1054 DEIAZ-DEI1054 Datasheet
369Kb / 7P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Open
DEI1058 DEIAZ-DEI1058 Datasheet
428Kb / 5P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Ground
logo
Holt Integrated Circuit...
HI-8424 HOLTIC-HI-8424_13 Datasheet
64Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing 28V / Open Signals
HI-8422 HOLTIC-HI-8422_10 Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422 HOLTIC-HI-8422_06 Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com