Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD3349A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3349A
Description  8-bit microcontroller with DTMF generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3349A Datasheet HTML 3Page - NXP Semiconductors PCD3349A Datasheet HTML 4Page - NXP Semiconductors PCD3349A Datasheet HTML 5Page - NXP Semiconductors PCD3349A Datasheet HTML 6Page - NXP Semiconductors PCD3349A Datasheet HTML 7Page - NXP Semiconductors PCD3349A Datasheet HTML 8Page - NXP Semiconductors PCD3349A Datasheet HTML 9Page - NXP Semiconductors PCD3349A Datasheet HTML 10Page - NXP Semiconductors PCD3349A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 May 11
7
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
6.2
Frequency registers
The two frequency registers HGF and LGF define two
frequencies. From these, the digital sine synthesizers
together with the Digital-to-Analog Converters (DACs)
construct two sine waves. Their amplitudes are precisely
scaled according to the bandgap voltage reference. This
ensures TONE output levels independent of supply
voltage and temperature. The amplitude of the Low Group
Frequency sine wave is attenuated by 2 dB compared to
the amplitude of the High Group Frequency sine wave.
The two sine waves are summed and then filtered by an
on-chip switched capacitor and RC low-pass filters. These
guarantee that all DTMF tones generated fulfil the CEPT
recommendations with respect to amplitude, frequency
deviation, total harmonic distortion and suppression of
unwanted frequency components.
The value 00H in a frequency register stops the
corresponding digital sine synthesizer. If both frequency
registers contain 00H, the whole frequency generator is
shut off, resulting in lower power consumption.
The frequency of the sine wave generated is dependent
upon the decimal value ‘x’ held in the frequency registers
(HGF and LGF), and this may be calculated as follows:
; where 60
≤ x ≤ 255.
The frequency limitation given by x
≥ 60 is due to the
low-pass filters which would attenuate higher frequency
sine waves.
6.3
DTMF frequencies
Assuming an oscillator frequency fxtal = 3.58 MHz, the
DTMF standard frequencies can be implemented as
shown in Table 3.
The relationship between telephone keyboard symbols
and the frequency register contents are given in Table 4.
f
f
xtal
23 x
2
+
()
[]
---------------------------------
=
Table 3
DTMF standard frequencies and their
implementation; value = LGF, HGF contents
Table 4
Dialling symbols, corresponding DTMF
frequency pairs and frequency registers content
VALUE
(HEX)
FREQUENCY (Hz)
DEVIATION
STANDARD
GENERATED
(%)
(Hz)
DD
697
697.90
0.13
0.90
C8
770
770.46
0.06
0.46
B5
852
850.45
−0.18 −1.55
A3
941
943.23
0.24
2.23
7F
1209
1206.45
−0.21 −2.55
72
1336
1341.66
0.42
5.66
67
1477
1482.21
0.35
5.21
5D
1633
1638.24
0.32
5.24
TELEPHONE
KEYBOARD
SYMBOLS
DTMF FREQ.
PAIRS
(Hz)
LGF
VALUE
(HEX)
HGF
VALUE
(HEX)
0
(941, 1336)
A3
72
1
(697, 1209)
DD
7F
2
(697, 1336)
DD
72
3
(697, 1477)
DD
67
4
(770, 1209)
C8
7F
5
(770, 1336)
C8
72
6
(770, 1477)
C8
67
7
(852, 1209)
B5
7F
8
(852, 1336)
B5
72
9
(852, 1477)
B5
67
A
(697, 1633)
DD
5D
B
(770, 1633)
C8
5D
C
(852, 1633)
B5
5D
D
(941, 1633)
A3
5D
(941, 1209)
A3
7F
#
(941, 1477)
A3
67


Similar Part No. - PCD3349A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3349AP PHILIPS-PCD3349AP Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3349AT PHILIPS-PCD3349AT Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
More results

Similar Description - PCD3349A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
   8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
   8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
   8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
   DTMF GENERATOR WITH MICROPROCESSOR
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
logo
NXP Semiconductors
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
   DTMF GENERATOR
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
   DTMF Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com