Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD3349A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD3349A
Description  8-bit microcontroller with DTMF generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD3349A Datasheet HTML 1Page - NXP Semiconductors PCD3349A Datasheet HTML 2Page - NXP Semiconductors PCD3349A Datasheet HTML 3Page - NXP Semiconductors PCD3349A Datasheet HTML 4Page - NXP Semiconductors PCD3349A Datasheet HTML 5Page - NXP Semiconductors PCD3349A Datasheet HTML 6Page - NXP Semiconductors PCD3349A Datasheet HTML 7Page - NXP Semiconductors PCD3349A Datasheet HTML 8Page - NXP Semiconductors PCD3349A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 May 11
5
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration (SOT117-1 and SOT136-1).
handbook, halfpage
PCD3349A
MBG087
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
P0.1
P0.0
P2.3
P2.2
P2.1
VDD
TONE
VSS
P2.0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
T1
XTAL1
XTAL2
RESET
P1.0
P1.1
CE/T0
5.2
Pin description
Table 1
SOT117-1 and SOT136-1 packages
SYMBOL
PIN
DESCRIPTION
P0.0 to P0.7 28, 1 to 7 Port 0: 8 quasi-bidirectional
I/O lines
T1
8
Test 1 or count input of 8-bit
Timer/event counter 1
XTAL1
9
crystal oscillator or external
clock input
XTAL2
10
crystal oscillator output
RESET
11
reset input
CE/T0
12
Chip Enable or Test 0
P1.0 to P1.7
13 to 20
Port 1: 8 quasi-bidirectional
I/O lines
P2.0 to P2.3
21, 25,
26, 27
Port 2: 4 quasi-bidirectional
I/O lines
VSS
22
ground
TONE
23
DTMF output
VDD
24
positive supply voltage


Similar Part No. - PCD3349A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3349AP PHILIPS-PCD3349AP Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3349AT PHILIPS-PCD3349AT Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
More results

Similar Description - PCD3349A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
   8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
   8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
   8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
   DTMF GENERATOR WITH MICROPROCESSOR
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
logo
NXP Semiconductors
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
   DTMF GENERATOR
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
   DTMF Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com